Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C86A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT93C86A
Description  Three-wire Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C86A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT93C86A Datasheet HTML 1Page - ATMEL Corporation AT93C86A Datasheet HTML 2Page - ATMEL Corporation AT93C86A Datasheet HTML 3Page - ATMEL Corporation AT93C86A Datasheet HTML 4Page - ATMEL Corporation AT93C86A Datasheet HTML 5Page - ATMEL Corporation AT93C86A Datasheet HTML 6Page - ATMEL Corporation AT93C86A Datasheet HTML 7Page - ATMEL Corporation AT93C86A Datasheet HTML 8Page - ATMEL Corporation AT93C86A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
AT93C86A
3408H–SEEPR–1/07
Functional
Description
The AT93C86A is accessed via a simple and versatile three-wire serial communication
interface. Device operation is controlled by seven instructions issued by the host pro-
cessor. A valid instruction starts with a rising edge of CS and consists of a Start Bit
(logic “1”) followed by the appropriate Op Code and the desired memory address
location.
READ (READ): The Read (READ) instruction contains the address code for the mem-
ory location to be read. After the instruction and address are decoded, data from the
selected memory location is available at the serial output pin DO. Output data changes
are synchronized with the rising edges of serial clock SK. It should be noted that a
dummy bit (logic “0”) precedes the 8- or 16-bit data output string. The AT93C86A sup-
ports sequential read operations. The device will automatically increment the internal
address pointer and clock out the next memory location as long as CS is held high. In
this case, the dummy bit (logic “0”) will not be clocked out between memory locations,
thus allowing for a continuous stream of data to be read.
ERASE/WRITE (EWEN): To assure data integrity, the part automatically goes into the
Erase/Write Disable (EWDS) state when power is first applied. An Erase/Write Enable
(EWEN) instruction must be executed first before any programming instructions can be
carried out. Please note that once in the EWEN state, programming remains enabled
until an EWDS instruction is executed or VCC power is removed from the part.
ERASE (ERASE): The Erase (ERASE) instruction programs all bits in the specified
memory location to the logical “1” state. The self-timed erase cycle starts once the
ERASE instruction and address are decoded. The DO pin outputs the Ready/Busy sta-
tus of the part if CS is brought high after being kept low for a minimum of 250 ns (tCS). A
logic “1” at pin DO indicates that the selected memory location has been erased, and the
part is ready for another instruction.
WRITE (WRITE): The Write (WRITE) instruction contains the 8 or 16 bits of data to be
written into the specified memory location. The self-timed programming cycle tWP starts
after the last bit of data is received at serial data input pin DI. The DO pin outputs the
Ready/Busy status of the part if CS is brought high after being kept low for a minimum of
Table 5. Instruction Set for the AT93C86A
Instruction
SB
Op Code
Address
Data
Comments
x 8
x 16
x 8
x 16
READ
1
10
A10 – A0
A9 – A0
Reads data stored in memory,
at specified address.
EWEN
1
00
11XXXXXXXXX
11XXXXXXXX
Write enable must precede all
programming modes.
ERASE
1
11
A10 – A0
A9 – A0
Erases memory location An – A0.
WRITE
1
01
A10 – A0
A9 – A0
D7 – D0
D15 – D0
Writes memory location An – A0.
ERAL
1
00
10XXXXXXXXX
10XXXXXXXX
Erases all memory locations.
Valid only at VCC = 4.5V to 5.5V.
WRAL
1
00
01XXXXXXXXX
01XXXXXXXX
D7 – D0
D15 – D0
Writes all memory locations.
Valid when VCC = 4.5V to 5.5V and
Disable Register cleared.
EWDS
1
00
00XXXXXXXXX
00XXXXXXXX
Disables all programming
instructions.


Similar Part No. - AT93C86A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A Datasheet
335Kb / 15P
   Three-wire Automotive Temperature Serial EEPROM
AT93C86A ATMEL-AT93C86A Datasheet
451Kb / 14P
   Three-wire Automotive Temperature Serial EEPROM 16K (2048 x 8 or 1024 x 16)
AT93C86A ATMEL-AT93C86A Datasheet
124Kb / 16P
   3-wire Serial EEPROM
AT93C86A-10SQ-2.7 ATMEL-AT93C86A-10SQ-2.7 Datasheet
451Kb / 14P
   Three-wire Automotive Temperature Serial EEPROM 16K (2048 x 8 or 1024 x 16)
AT93C86A-10TQ-2.7 ATMEL-AT93C86A-10TQ-2.7 Datasheet
451Kb / 14P
   Three-wire Automotive Temperature Serial EEPROM 16K (2048 x 8 or 1024 x 16)
More results

Similar Description - AT93C86A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_06 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
   Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
logo
E-CMOS Corporation
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46_12 Datasheet
938Kb / 14P
   Three-wire Serial EEPROM
VER 1.5
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_09 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com