Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C02N-10SA-2.7C Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT24C02N-10SA-2.7C
Description  Two-wire Automotive Serial EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02N-10SA-2.7C Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT24C02N-10SA-2.7C Datasheet HTML 4Page - ATMEL Corporation AT24C02N-10SA-2.7C Datasheet HTML 5Page - ATMEL Corporation AT24C02N-10SA-2.7C Datasheet HTML 6Page - ATMEL Corporation AT24C02N-10SA-2.7C Datasheet HTML 7Page - ATMEL Corporation AT24C02N-10SA-2.7C Datasheet HTML 8Page - ATMEL Corporation AT24C02N-10SA-2.7C Datasheet HTML 9Page - ATMEL Corporation AT24C02N-10SA-2.7C Datasheet HTML 10Page - ATMEL Corporation AT24C02N-10SA-2.7C Datasheet HTML 11Page - ATMEL Corporation AT24C02N-10SA-2.7C Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
AT24C01A/02/04/08/16
3256F–SEEPR–10/04
Device Addressing
The 1K, 2K, 4K, 8K and 16K EEPROM devices all require an 8-bit device address word
following a start condition to enable the chip for a read or write operation (see Figure 7
on page 9).
The device address word consists of a mandatory one, zero sequence for the first four
most significant bits as shown. This is common to all the EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits for the 1K/2K EEPROM.
These 3 bits must compare to their corresponding hard-wired input pins.
The 4K EEPROM only uses the A2 and A1 device address bits with the third bit being a
memory page address bit. The two device address bits must compare to their corre-
sponding hard-wired input pins. The A0 pin is no connect.
The 8K EEPROM only uses the A2 device address bit with the next 2 bits being for
memory page addressing. The A2 bit must compare to its corresponding hard-wired
input pin. The A1 and A0 pins are no connect.
The 16K does not use any device address bits but instead the 3 bits are used for mem-
ory page addressing. These page addressing bits on the 4K, 8K and 16K devices
should be considered the most significant bits of the data word address which follows.
The A0, A1 and A2 pins are no connect.
The eighth bit of the device address is the read/write operation select bit. A read opera-
tion is initiated if this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a zero. If a compare is
not made, the chip will return to a standby state.
Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the
device address word and acknowledgment. Upon receipt of this address, the EEPROM
will again respond with a zero and then clock in the first 8-bit data word. Following
receipt of the 8-bit data word, the EEPROM will output a zero and the addressing
device, such as a microcontroller, must terminate the write sequence with a stop condi-
tion. At this time the EEPROM enters an internally timed write cycle, t
WR, to the
nonvolatile memory. All inputs are disabled during this write cycle and the EEPROM will
not respond until the write is complete (see Figure 8 on page 10).
PAGE WRITE: The 1K/2K EEPROM is capable of an 8-byte page write, and the 4K, 8K
and 16K devices are capable of 16-byte page writes.
A page write is initiated the same as a byte write, but the microcontroller does not send
a stop condition after the first data word is clocked in. Instead, after the EEPROM
acknowledges receipt of the first data word, the microcontroller can transmit up to seven
(1K/2K) or fifteen (4K, 8K, 16K) more data words. The EEPROM will respond with a zero
after each data word received. The microcontroller must terminate the page write
sequence with a stop condition (see Figure 9 on page 10).
The data word address lower three (1K/2K) or four (4K, 8K, 16K) bits are internally
incremented following the receipt of each data word. The higher data word address bits
are not incremented, retaining the memory page row location. When the word address,
internally generated, reaches the page boundary, the following byte is placed at the
beginning of the same page. If more than eight (1K/2K) or sixteen (4K, 8K, 16K) data
words are transmitted to the EEPROM, the data word address will “roll over” and previ-
ous data will be overwritten.
ACKNOWLEDGE POLLING: Once the internally timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves send-


Similar Part No. - AT24C02N-10SA-2.7C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02N-10SC ATMEL-AT24C02N-10SC Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02N-10SC-1.8 ATMEL-AT24C02N-10SC-1.8 Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02N-10SC-2.5 ATMEL-AT24C02N-10SC-2.5 Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02N-10SC-2.7 ATMEL-AT24C02N-10SC-2.7 Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02N-10SI ATMEL-AT24C02N-10SI Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
More results

Similar Description - AT24C02N-10SA-2.7C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A_05 Datasheet
281Kb / 17P
   Two-wire Automotive Serial EEPROM
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com