Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C64A-10PU-2.7 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C64A-10PU-2.7
Description  Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C64A-10PU-2.7 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C64A-10PU-2.7 Datasheet HTML 1Page - ATMEL Corporation AT24C64A-10PU-2.7 Datasheet HTML 2Page - ATMEL Corporation AT24C64A-10PU-2.7 Datasheet HTML 3Page - ATMEL Corporation AT24C64A-10PU-2.7 Datasheet HTML 4Page - ATMEL Corporation AT24C64A-10PU-2.7 Datasheet HTML 5Page - ATMEL Corporation AT24C64A-10PU-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C64A-10PU-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C64A-10PU-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C64A-10PU-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
AT24C32A/64A
3054T–SEEPR–1/07
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each
EEPROM device and negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is
open-drain driven and may be wire-ORed with any number of other open-drain or open
collector devices.
DEVICE/ADDRESSES (A2, A1, A0): The A2, A1 and A0 pins are device address inputs
that are hardwired or left not connected for hardware compatibility with other AT24Cxx
devices. When the pins are hardwired, as many as eight 32K/64K devices may be
addressed on a single bus system (device addressing is discussed in detail under the
Device Addressing section). If the pins are left floating, the A2, A1 and A0 pins will be
internally pulled down to GND if the capacitive coupling to the circuit board VCC plane is
<3 pF. If coupling is >3 pF, Atmel recommends connecting the address pins to GND.
WRITE PROTECT (WP): The write protect input, when connected to GND, allows nor-
mal write operations. When WP is connected high to VCC, all write operations to the
memory are inhibited. If the pin is left floating, the WP pin will be internally pulled down
to GND if the capacitive coupling to the circuit board VCC plane is <3 pF. If coupling is
>3 pF, Atmel recommends connecting the pin to GND. Switching WP to VCC prior to a
write operation creates a software write protect function.
Memory Organization AT24C32A/64A, 32K/64K SERIAL EEPROM: The 32K/64K is internally organized as
128/256 pages of 32 bytes each. Random word addressing requires a 12/13-bit data
word address.


Similar Part No. - AT24C64A-10PU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C64A-10PI-1.8 ATMEL-AT24C64A-10PI-1.8 Datasheet
216Kb / 20P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C64A-10PI-2.7 ATMEL-AT24C64A-10PI-2.7 Datasheet
216Kb / 20P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
More results

Similar Description - AT24C64A-10PU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A_08 Datasheet
313Kb / 18P
   Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32C ATMEL-AT24C32C_08 Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A Datasheet
216Kb / 20P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT25320B ATMEL-AT25320B Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
ATMEL Corporation
AT24C64B ATMEL-AT24C64B_07 Datasheet
352Kb / 16P
   2-Wire Serial EEPROM 64K (8192 x 8)
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
logo
AiT Semiconductor Inc.
A24C32 AITSEMI-A24C32 Datasheet
811Kb / 21P
   MEMORY EEPROM 32K (4096 X 8) 2-WIRE SERIAL INTERFACE
REV4.1
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com