Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT34C02B-10TU-1.7 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT34C02B-10TU-1.7
Description  Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02B-10TU-1.7 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT34C02B-10TU-1.7 Datasheet HTML 1Page - ATMEL Corporation AT34C02B-10TU-1.7 Datasheet HTML 2Page - ATMEL Corporation AT34C02B-10TU-1.7 Datasheet HTML 3Page - ATMEL Corporation AT34C02B-10TU-1.7 Datasheet HTML 4Page - ATMEL Corporation AT34C02B-10TU-1.7 Datasheet HTML 5Page - ATMEL Corporation AT34C02B-10TU-1.7 Datasheet HTML 6Page - ATMEL Corporation AT34C02B-10TU-1.7 Datasheet HTML 7Page - ATMEL Corporation AT34C02B-10TU-1.7 Datasheet HTML 8Page - ATMEL Corporation AT34C02B-10TU-1.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
AT34C02B
3417E–SEEPR–1/07
Note:
1. VIL min and VIH max are reference only and are not tested.
Table 4. DC Characteristics
Applicable over recommended operating range from: TAI = –40°C to +85°C, VCC = +1.7V to +3.6V, (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
1.7
3.6
V
ICC
Supply Current VCC = 3.6V
READ at 100 kHz
0.4
1.0
mA
ICC
Supply Current VCC = 3.6V
WRITE at 100 kHz
2.0
3.0
mA
ISB1
Standby Current VCC = 1.7V
VIN = VCC or VSS
0.6
3.0
µA
ISB2
Standby Current VCC = 3.6V
VIN = VCC or VSS
1.6
4.0
µA
ILI
Input Leakage Current
VIN = VCC or VSS
0.10
3.0
µA
ILO
Output Leakage Current
VOUT = VCC or VSS
0.05
3.0
µA
VIL
Input Low Level(1)
0.6
VCC x 0.3
V
VIH
Input High Level(1)
VCC x 0.7
VCC + 0.5
V
VOL2
Output Low Level VCC = 3.0V
IOL = 2.1 mA
0.4
V
VOL1
Output Low Level VCC = 1.7V
IOL = 0.15 mA
0.2
V


Similar Part No. - AT34C02B-10TU-1.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B_14 Datasheet
478Kb / 21P
   Hardware Write Protection for the Entire Array
More results

Similar Description - AT34C02B-10TU-1.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02 ATMEL-AT34C02_07 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT24CS128 ATMEL-AT24CS128 Datasheet
207Kb / 12P
   2-Wire Serial EEPROMs with Permanent Software Write Protect
AT34C02D ATMEL-AT34C02D_14 Datasheet
756Kb / 25P
   Permanent and Reversible Software Write Protection
logo
AiT Semiconductor Inc.
A34C04 AITSEMI-A34C04 Datasheet
638Kb / 19P
   EEPROM W/PERMANENT SW WRITE PROTECT 4-Kbit (512횞8) TWO-WIRE SERIAL EEPROM
REV1.0
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com