Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT34C02BY6-10YH-1.7 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT34C02BY6-10YH-1.7
Description  Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02BY6-10YH-1.7 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT34C02BY6-10YH-1.7 Datasheet HTML 1Page - ATMEL Corporation AT34C02BY6-10YH-1.7 Datasheet HTML 2Page - ATMEL Corporation AT34C02BY6-10YH-1.7 Datasheet HTML 3Page - ATMEL Corporation AT34C02BY6-10YH-1.7 Datasheet HTML 4Page - ATMEL Corporation AT34C02BY6-10YH-1.7 Datasheet HTML 5Page - ATMEL Corporation AT34C02BY6-10YH-1.7 Datasheet HTML 6Page - ATMEL Corporation AT34C02BY6-10YH-1.7 Datasheet HTML 7Page - ATMEL Corporation AT34C02BY6-10YH-1.7 Datasheet HTML 8Page - ATMEL Corporation AT34C02BY6-10YH-1.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
AT34C02B
3417E–SEEPR–1/07
Note:
1. This parameter is characterized and is not 100% tested.
Table 5. AC Characteristics
Applicable over recommended operating range from TAI = –40°C to +85°C, VCC = +1.7V to +3.6V, CL = 1 TTL Gate and
100 pF (unless otherwise noted)
Symbol
Parameter
1.7V
2.7V, 3.6V
Units
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
100
400
kHz
tLOW
Clock Pulse Width Low
4.7
1.2
µs
tHIGH
Clock Pulse Width High
4.0
0.6
µs
tI
Noise Suppression Time(1)
100
50
ns
tAA
Clock Low to Data Out Valid
0.1
4.5
0.1
0.9
µs
tBUF
Time the bus must be free before a new
transmission can start(1)
4.7
1.2
µs
tHD.STA
Start Hold Time
4.0
0.6
µs
tSU.STA
Start Set-up Time
4.7
0.6
µs
tHD.DAT
Data In Hold Time
0
0
µs
tSU.DAT
Data In Set-up Time
200
100
ns
tR
Inputs Rise Time(1)
1.0
0.3
µs
tF
Inputs Fall Time(1)
300
300
ns
tSU.STO
Stop Set-up Time
4.7
0.6
µs
tDH
Data Out Hold Time
100
50
ns
tWR
Write Cycle Time
5
5
ms
Endurance(1)
25
°C, Page Mode
1M
1M
Write
Cycles


Similar Part No. - AT34C02BY6-10YH-1.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B_14 Datasheet
478Kb / 21P
   Hardware Write Protection for the Entire Array
More results

Similar Description - AT34C02BY6-10YH-1.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02 ATMEL-AT34C02_07 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT24CS128 ATMEL-AT24CS128 Datasheet
207Kb / 12P
   2-Wire Serial EEPROMs with Permanent Software Write Protect
AT34C02D ATMEL-AT34C02D_14 Datasheet
756Kb / 25P
   Permanent and Reversible Software Write Protection
logo
AiT Semiconductor Inc.
A34C04 AITSEMI-A34C04 Datasheet
638Kb / 19P
   EEPROM W/PERMANENT SW WRITE PROTECT 4-Kbit (512횞8) TWO-WIRE SERIAL EEPROM
REV1.0
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com