Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25080A-10TU-1.8 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25080A-10TU-1.8
Description  SPI Serial EEPROMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25080A-10TU-1.8 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25080A-10TU-1.8 Datasheet HTML 1Page - ATMEL Corporation AT25080A-10TU-1.8 Datasheet HTML 2Page - ATMEL Corporation AT25080A-10TU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT25080A-10TU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT25080A-10TU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT25080A-10TU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT25080A-10TU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT25080A-10TU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT25080A-10TU-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
Features
Serial Peripheral Interface (SPI) Compatible
Supports SPI Modes 0 (0,0) and 3 (1,1)
– Datasheet Describes Mode 0 Operation
Low-voltage and Standard-voltage Operation
– 2.7 (V
CC = 2.7V to 5.5V)
– 1.8 (VCC = 1.8V to 5.5V)
20 MHz Clock Rate (5V)
32-byte Page Mode
Block Write Protection
– Protect 1/4, 1/2, or Entire Array
Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software
Data Protection
Self-timed Write Cycle (5 ms max)
High Reliability
– Endurance: One Million Write Cycles
– Data Retention: 100 Years
Automotive Devices Available
8-lead JEDEC PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Thin Mini-MAP (MLP 2x3), and 8-
lead TSSOP Packages
Die Sales: Wafer Form, Waffle Pack, and Bumped Wafers
Description
The AT25080A/160A/320A/640A provides 8192/16384/32768/65536 bits of serial
electrically-erasable programmable read-only memory (EEPROM) organized as
1024/2048/4096/8192 words of 8 bits each. The device is optimized for use in many
industrial and commercial applications where low-power and low-voltage operation
are essential. The AT25080A/160A/320A/640A is available in space-saving 8-lead
PDIP, 8-lead JEDEC SOIC, 8-lead MAP, 8-lead Ultra Thin Mini-MAP (MLP 2x3) and 8-
lead TSSOP packages.
The AT25080A/160A/320A/640A is enabled through the Chip Select pin (CS) and
accessed via a three-wire interface consisting of Serial Data Input (SI), Serial Data
Output (SO), and Serial Clock (SCK). All programming cycles are completely self-
timed, and no separate erase cycle is required before write.
Table 1. Pin Configuration
Pin Name
Function
CS
Chip Select
SCK
Serial Data Clock
SI
Serial Data Input
SO
Serial Data Output
GND
Ground
VCC
Power Supply
WP
Write Protect
HOLD
Suspends Serial Input
NC
No Connect
DC
Don’t Connect
SPI Serial
EEPROMs
8K (1024 x 8)
16K (2048 x 8)
32K (4096 x 8)
64K (8192 x 8)
AT25080A
AT25160A
AT25320A
AT25640A
3347K–SEEPR–2/07
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
8-lead PDIP
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
8-lead SOIC
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
8-lead TSSOP
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
CS
SO
WP
GND
8-lead Ultra Thin Mini-MAP (MLP 2x3)
Bottom View
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
CS
SO
WP
GND
8-lead MAP
Bottom View


Similar Part No. - AT25080A-10TU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25080A-10TU-1.8 ATMEL-AT25080A-10TU-1.8 Datasheet
388Kb / 20P
   SPI Serial EEPROMs
More results

Similar Description - AT25080A-10TU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com