Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25040A-10PU-2.7 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25040A-10PU-2.7
Description  SPI Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25040A-10PU-2.7 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25040A-10PU-2.7 Datasheet HTML 1Page - ATMEL Corporation AT25040A-10PU-2.7 Datasheet HTML 2Page - ATMEL Corporation AT25040A-10PU-2.7 Datasheet HTML 3Page - ATMEL Corporation AT25040A-10PU-2.7 Datasheet HTML 4Page - ATMEL Corporation AT25040A-10PU-2.7 Datasheet HTML 5Page - ATMEL Corporation AT25040A-10PU-2.7 Datasheet HTML 6Page - ATMEL Corporation AT25040A-10PU-2.7 Datasheet HTML 7Page - ATMEL Corporation AT25040A-10PU-2.7 Datasheet HTML 8Page - ATMEL Corporation AT25040A-10PU-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
3348J–SEEPR–8/06
Features
Serial Peripheral Interface (SPI) Compatible
Supports SPI Modes 0 (0,0) and 3 (1,1)
– Data Sheet Describes Mode 0 Operation
Low-voltage and Standard-voltage Operation
– 2.7 (V
CC = 2.7V to 5.5V)
– 1.8 (VCC = 1.8V to 5.5V)
20 MHz Clock Rate (5V)
8-byte Page Mode
Block Write Protection
– Protect 1/4, 1/2, or Entire Array
Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software
Data Protection
Self-timed Write Cycle (5 ms max)
High Reliability
– Endurance: One Million Write Cycles
– Data Retention: 100 Years
Automotive Devices Available
8-lead JEDEC PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Thin mini-MAP (MLP 2x3) and 8-
lead TSSOP Packages
Die Sales: Wafer Form, Waffle Pack, Bumped Wafers
Description
The AT25010A/020A/040A provides 1024/2048/4096 bits of serial electrically eras-
able programmable read-only memory (EEPROM) organized as 128/256/512 words of
8 bits each. The device is optimized for use in many industrial and commercial appli-
cation s wh ere low-power an d low-vo lta ge op er ation a re esse ntial. The
AT25010A/020A/040A is available in space saving 8-lead PDIP, 8-lead JEDEC SOIC,
8-lead Ultra Thin mini-MAP (MLP 2x3), and 8-lead TSSOP packages.
The AT25010A/020A/040A is enabled through the Chip Select pin (CS) and accessed
via a three-wire interface consisting of Serial Data Input (SI), Serial Data Output (SO),
and Serial Clock (SCK). All programming cycles are completely self-timed, and no
separate erase cycle is required before write.
Block write protection is enabled by programming the status register with one of four
blocks of write protection. Separate Program Enable and Program disable instructions
are provided for additional data protection. Hardware data protection is provided via
the WP pin to protect against inadvertent write attempts. The HOLD pin may be used
to suspend any serial communication without resetting the serial sequence.
Table 1. Pin Configuration
Pin Name
Function
CS
Chip Select
SCK
Serial Data Clock
SI
Serial Data Input
SO
Serial Data Output
GND
Ground
VCC
Power Supply
WP
Write Protect
HOLD
Suspends Serial Input
SPI Serial
EEPROM
1K (128x8)
2K (256x8)
4K (512x8)
AT25010A
AT25020A
AT25040A
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
CS
SO
WP
GND
1
2
3
4
8
7
6
5
CS
SO
WP
GN D
VC C
HO L
SC K
SI
1
2
3
4
8
7
6
5
CS
SO
WP
GN D
VC C
HO L
SC K
SI
8-lead PDIP
8-lead SOIC
8-lead TSSOP
8-lead Ultra Thin mini-MAP (MLP 2x3)
Bottom view


Similar Part No. - AT25040A-10PU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040A-10PE-2.7 ATMEL-AT25040A-10PE-2.7 Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
AT25040A-10PQ-2.7 ATMEL-AT25040A-10PQ-2.7 Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
More results

Similar Description - AT25040A-10PU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
   SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C64A ETC2-FT25C64A Datasheet
239Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
AT25256B ATMEL-AT25256B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com