Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25040A-10PU-1.8 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT25040A-10PU-1.8
Description  SPI Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25040A-10PU-1.8 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT25040A-10PU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT25040A-10PU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT25040A-10PU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT25040A-10PU-1.8 Datasheet HTML 9Page - ATMEL Corporation AT25040A-10PU-1.8 Datasheet HTML 10Page - ATMEL Corporation AT25040A-10PU-1.8 Datasheet HTML 11Page - ATMEL Corporation AT25040A-10PU-1.8 Datasheet HTML 12Page - ATMEL Corporation AT25040A-10PU-1.8 Datasheet HTML 13Page - ATMEL Corporation AT25040A-10PU-1.8 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
AT25010A/020A/040A
3348J–SEEPR–8/06
Timing Diagrams
Figure 3. Synchronous Data Timing (for Mode 0)
SO
V
OH
V
OL
HI-Z
HI-Z
t
V
VALID IN
SI
V
IH
V
IL
t
H
t
SU
t
DIS
SCK
V
IH
V
IL
t
WH
t
CSH
CS
V
IH
V
IL
t
CSS
t
CS
t
WL
t
HO
Figure 4. WREN Timing
Figure 5. WRDI Timing


Similar Part No. - AT25040A-10PU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040A-10PE-2.7 ATMEL-AT25040A-10PE-2.7 Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
AT25040A-10PQ-2.7 ATMEL-AT25040A-10PQ-2.7 Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
More results

Similar Description - AT25040A-10PU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
   SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C64A ETC2-FT25C64A Datasheet
239Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
AT25256B ATMEL-AT25256B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com