Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8509 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8509
Description  Sequenced Linear Dual?뭋oltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8509 Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8509_06 Datasheet HTML 1Page - ON Semiconductor NCV8509_06 Datasheet HTML 2Page - ON Semiconductor NCV8509_06 Datasheet HTML 3Page - ON Semiconductor NCV8509_06 Datasheet HTML 4Page - ON Semiconductor NCV8509_06 Datasheet HTML 5Page - ON Semiconductor NCV8509_06 Datasheet HTML 6Page - ON Semiconductor NCV8509_06 Datasheet HTML 7Page - ON Semiconductor NCV8509_06 Datasheet HTML 8Page - ON Semiconductor NCV8509_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NCV8509 Series
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
−40
2.55
Temperature (
°C)
2.59
2.60
2.61
2.62
2.63
2.64
2.65
−20
2.57
2.58
2.56
0
20
40
60
80
100
120
140
Figure 3. 2.6 V Output Voltage
−40
3.23
Temperature (
°C)
3.31
3.32
3.33
3.34
3.35
3.36
3.37
−20
3.29
3.30
3.28
0
20
40
60
80
100
120
140
3.27
3.25
3.26
3.24
Figure 4. 3.3 V Output Voltage
−40
2.45
Temperature (
°C)
2.49
2.50
2.51
2.52
2.53
2.54
2.55
−20
2.47
2.48
2.46
0
20
40
60
80
100
120
140
Figure 5. 2.5 V Output Voltage
−40
1.76
Temperature (
°C)
1.81
1.82
1.83
1.84
−20
1.79
1.80
1.78
0
20
40
60
80
100
120
140
1.77
Figure 6. 1.8 V Output Voltage
−40
4.90
Temperature (
°C)
4.98
5.00
5.02
5.04
5.06
5.08
5.10
−20
4.94
4.96
4.92
0
20
40
60
80
100
120
140
Figure 7. 5.0 V Output Voltage
IVOUT1 = 5 mA
IVOUT2 = 5 mA
IVOUT1 = 5 mA
IVOUT2 = 5 mA
IVOUT1 = 5 mA
IVOUT2 = 5 mA
IVOUT1 = 5 mA
IVOUT2 = 5 mA
IVOUT1 = 5 mA
IVOUT2 = 5 mA
1.8 V
0
0
VIN1 (VOLTS)
2
4
6
8
10
12
14
16
Figure 8. VIN2 versus VIN1
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Rex = ∞
2.5 V
2.6 V


Similar Part No. - NCV8509_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509 ONSEMI-NCV8509_08 Datasheet
232Kb / 18P
   Sequenced Linear Dual-Voltage Regulator
October, 2008 ??Rev. 25
More results

Similar Description - NCV8509_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509 ONSEMI-NCV8509_08 Datasheet
232Kb / 18P
   Sequenced Linear Dual-Voltage Regulator
October, 2008 ??Rev. 25
NCV8509 ONSEMI-NCV8509 Datasheet
123Kb / 16P
   Sequenced Linear Dual-Voltage Regulator
March, 2004 ??Rev. 20
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
logo
Texas Instruments
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
[Old version datasheet]   DUAL LOW - DROPOUT LINEAR REGULATOR
logo
ams AG
AS1372 AMSCO-AS1372 Datasheet
855Kb / 14P
   350mA Dual Rail Linear Regulator
logo
Texas Instruments
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
LP5952 TI1-LP5952_14 Datasheet
1Mb / 27P
[Old version datasheet]   350mA Dual Rail Linear Regulator
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9032 RICHTEK-RT9032 Datasheet
264Kb / 13P
   Programmable Dual Output Linear Regulator
logo
Texas Instruments
LP5952 TI-LP5952_15 Datasheet
1Mb / 22P
[Old version datasheet]   350mA Dual Rail Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com