Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8509 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8509
Description  Sequenced Linear Dual?뭋oltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8509 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8509 Datasheet HTML 5Page - ON Semiconductor NCV8509 Datasheet HTML 6Page - ON Semiconductor NCV8509 Datasheet HTML 7Page - ON Semiconductor NCV8509 Datasheet HTML 8Page - ON Semiconductor NCV8509 Datasheet HTML 9Page - ON Semiconductor NCV8509 Datasheet HTML 10Page - ON Semiconductor NCV8509 Datasheet HTML 11Page - ON Semiconductor NCV8509 Datasheet HTML 12Page - ON Semiconductor NCV8509 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NCV8509 Series
http://onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
STABLE REGION
0
0.01
OUTPUT CURRENT (mA)
10
100
1000
10
100
20
30
40
50
60
70
80
90
UNSTABLE
REGION
STABLE
REGION
CVOUT1 = 10 mF
3.3 V
5.0 V
0
0.01
OUTPUT CURRENT (mA)
10
100
10
100
20
30
40
50
60
70
80
90
UNSTABLE
REGION
STABLE
REGION
CVOUT2 = 10 mF
2.5 V
2.6 V
1.8 V
Figure 26. VOUT1 Output Capacitor ESR (10 mF)
Figure 27. VOUT2 Output Capacitor ESR (10 mF)
0.1
1
1
0.1
0
0.01
OUTPUT CURRENT (mA)
10
100
1000
10
100
20
30
40
50
60
70
80
90
STABLE
REGION
0
0.01
OUTPUT CURRENT (mA)
10
100
10
100
20
30
40
50
60
70
80
90
UNSTABLE
REGION
Figure 28. VOUT1 Output Capacitor ESR (0.1 mF / 1 mF)
Figure 29. VOUT2 (2.6 V) Output Capacitor
ESR (0.1
mF / 1 mF)
0.1
1
1
0.1
0
0.01
OUTPUT CURRENT (mA)
10
100
10
100
20
30
40
50
60
70
80
90
Figure 30. VOUT2 (2.5 V) Output Capacitor
ESR (0.1
mF / 1 mF)
1
0.1
0
0.01
OUTPUT CURRENT (mA)
10
100
10
100
20
30
40
50
60
70
80
90
UNSTABLE
REGION
Figure 31. VOUT2 (1.8 V) Output Capacitor
ESR (0.1
mF / 1 mF)
1
0.1
3.3 V, 0.1
mF
UNSTABLE
REGION
3.3 V, 1.0
mF
5.0 V, 1.0
mF
5.0 V, 0.1
mF
UNSTABLE
REGION
1
mF
0.1
mF
1
mF
STABLE REGION
UNSTABLE
REGION
UNSTABLE
REGION
1
mF
0.1
mF
1
mF
UNSTABLE
REGION
STABLE
REGION
1
mF
1
mF
0.1
mF
0.1
mF


Similar Part No. - NCV8509

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509 ONSEMI-NCV8509 Datasheet
123Kb / 16P
   Sequenced Linear Dual-Voltage Regulator
March, 2004 ??Rev. 20
NCV8509 ONSEMI-NCV8509 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV8509PDW18 ONSEMI-NCV8509PDW18 Datasheet
123Kb / 16P
   Sequenced Linear Dual-Voltage Regulator
March, 2004 ??Rev. 20
NCV8509PDW18G ONSEMI-NCV8509PDW18G Datasheet
232Kb / 18P
   Sequenced Linear Dual-Voltage Regulator
October, 2008 ??Rev. 25
NCV8509PDW18R2 ONSEMI-NCV8509PDW18R2 Datasheet
123Kb / 16P
   Sequenced Linear Dual-Voltage Regulator
March, 2004 ??Rev. 20
More results

Similar Description - NCV8509

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509 ONSEMI-NCV8509_08 Datasheet
232Kb / 18P
   Sequenced Linear Dual-Voltage Regulator
October, 2008 ??Rev. 25
NCV8509 ONSEMI-NCV8509 Datasheet
123Kb / 16P
   Sequenced Linear Dual-Voltage Regulator
March, 2004 ??Rev. 20
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
logo
Texas Instruments
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
[Old version datasheet]   DUAL LOW - DROPOUT LINEAR REGULATOR
logo
ams AG
AS1372 AMSCO-AS1372 Datasheet
855Kb / 14P
   350mA Dual Rail Linear Regulator
logo
Texas Instruments
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
LP5952 TI1-LP5952_14 Datasheet
1Mb / 27P
[Old version datasheet]   350mA Dual Rail Linear Regulator
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9032 RICHTEK-RT9032 Datasheet
264Kb / 13P
   Programmable Dual Output Linear Regulator
logo
Texas Instruments
LP5952 TI-LP5952_15 Datasheet
1Mb / 22P
[Old version datasheet]   350mA Dual Rail Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com