Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8664 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8664
Description  Ultra?묹ow Iq Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8664 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8664 Datasheet HTML 5Page - ON Semiconductor NCV8664 Datasheet HTML 6Page - ON Semiconductor NCV8664 Datasheet HTML 7Page - ON Semiconductor NCV8664 Datasheet HTML 8Page - ON Semiconductor NCV8664 Datasheet HTML 9Page - ON Semiconductor NCV8664 Datasheet HTML 10Page - ON Semiconductor NCV8664 Datasheet HTML 11Page - ON Semiconductor NCV8664 Datasheet HTML 12Page - ON Semiconductor NCV8664 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NCV8664
http://onsemi.com
9
Circuit Description
The NCV8664 is a precision trimmed 3.3 V and 5.0 V
fixed output regulator. Careful management of light load
consumption combined with a low leakage process results
in a typical quiescent current of 22
mA. The device has
current capability of 150 mA, with 600 mV of dropout
voltage at full rated load current. The regulation is provided
by a PNP pass transistor controlled by an error amplifier
with a bandgap reference. The regulator is protected by
both current limit and short circuit protection. Thermal
shutdown occurs above 150°C to protect the IC during
overloads and extreme ambient temperatures.
Regulator
The error amplifier compares the reference voltage to a
sample of the output voltage (Vout) and drives the base of
a PNP series pass transistor by a buffer. The reference is a
bandgap design to give it a temperature−stable output.
Saturation control of the PNP is a function of the load
current and input voltage. Over saturation of the output
power device is prevented, and quiescent current in the
ground pin is minimized.
Regulator Stability Considerations
The input capacitor CIN in Figure 2 is necessary for
compensating input line reactance. Possible oscillations
caused by input inductance and input capacitance can be
damped by using a resistor of approximately 1
W in series
with CIN. The output or compensation capacitor, COUT
helps determine three main characteristics of a linear
regulator: startup delay, load transient response and loop
stability. The capacitor value and type should be based on
cost, availability, size and temperature constraints.
Tantalum, aluminum electrolytic, film, or ceramic
capacitors are all acceptable solutions, however, attention
must be paid to ESR constraints. The aluminum
electrolytic capacitor is the least expensive solution, but, if
the circuit operates at low temperatures (−25°C to −40°C),
both the value and ESR of the capacitor will vary
considerably. The capacitor manufacturer’s data sheet
usually provides this information. The value for the output
capacitor COUT shown in Figure 2 should work for most
applications; however, it is not necessarily the optimized
solution. Stability is guaranteed at values COUT ≥ 10 mF for
5.0 V version, and COUT ≥ 22 mF for 3.3 V version and an
ESR ≤ 9
W within the operating temperature range. Actual
limits are shown in a graph in the Typical Performance
Characteristics section.
Calculating Power Dissipation in a Single Output
Linear Regulator
The maximum power dissipation for a single output
regulator (Figure 3) is:
IQ(max) ) VI(max) @ Iq
(eq. 1)
PD(max) + [VIN(max) * VOUT(min)] @
Where:
VIN(max) is the maximum input voltage,
VOUT(min) is the minimum output voltage,
IQ(max) is the maximum output current for the
application, and Iq is the quiescent current the regulator
consumes at IQ(max).
Once the value of PD(Max) is known, the maximum
permissible value of RqJA can be calculated:
PqJA +
150oC * TA
PD
(eq. 2)
The value of RqJA can then be compared with those in the
package section of the data sheet. Those packages with
RqJA’s less than the calculated value in Equation 2 will keep
the die temperature below 150°C. In some cases, none of
the packages will be sufficient to dissipate the heat
generated by the IC, and an external heat sink will be
required. The current flow and voltages are shown in the
Measurement Circuit Diagram.
Heat Sinks
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air. Each material in the heat flow path
between the IC and the outside environment will have a
thermal resistance. Like series electrical resistances, these
resistances are summed to determine the value of RqJA:
RqJA + RqJC ) RqCS ) RqSA
(eq. 3)
Where:
RqJC = the junction−to−case thermal resistance,
RqCS = the case−to−heat sink thermal resistance, and
RqSA = the heat sink−to−ambient thermal resistance.
RqJA appears in the package section of the data sheet.
Like RqJA, it too is a function of package type. RqCS and
RqSA are functions of the package type, heat sink and the
interface between them. These values appear in data sheets
of heat sink manufacturers. Thermal, mounting, and heat
sinking are discussed in the ON Semiconductor application
note AN1040/D, available on the ON Semiconductor
Website.


Similar Part No. - NCV8664

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8664 ONSEMI-NCV8664 Datasheet
281Kb / 9P
   Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
NCV8664 ONSEMI-NCV8664 Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664 ONSEMI-NCV8664 Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664C ONSEMI-NCV8664C Datasheet
86Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2014 ??Rev. 0
NCV8664C ONSEMI-NCV8664C Datasheet
99Kb / 13P
   Very Low Iq Low Dropout Linear Regulator
June, 2017 ??Rev. 2
More results

Similar Description - NCV8664

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8664 ONSEMI-NCV8664 Datasheet
281Kb / 9P
   Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
logo
ON Semiconductor
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com