Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8664ST33T3G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8664ST33T3G
Description  Ultra?묹ow Iq Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8664ST33T3G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8664ST33T3G Datasheet HTML 3Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 4Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 5Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 6Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 7Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 8Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 9Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 10Page - ON Semiconductor NCV8664ST33T3G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NCV8664
http://onsemi.com
7
Typical Curves
−40°C
125°C
25°C
Figure 15. ESR Stability, 3.3 V Version
Figure 16. Output Voltage vs. Input Voltage,
3.3 V Version
OUTPUT LOAD (mA)
INPUT VOLTAGE (V)
100
75
50
25
0
0
50
60
100
40
30
20
10
0
0
1.0
1.5
2.0
2.5
3.0
3.5
Figure 17. Current Consumption vs. Output
Load, 3.3 V Version
OUTPUT LOAD (mA)
150
100
50
0
0
2.0
4.0
9.0
150
125
Vin = 13.5 V
Cout > 22 mF
6.0
8.0
7.0
200
Figure 18. Current Consumption vs. Output
Load (Low Load), 3.3 V Version
OUTPUT LOAD (mA)
20
15
10
0
0
0.05
0.10
0.15
0.35
0.45
0.50
0.30
25
0.25
TEMPERATURE (°C)
110
60
−40
0
1
3
10
4
7
8
2
5
9
10
160
Vin = 13.5 V
1.0
3.0
5.0
30
10
20
40
70
80
90
0.5
Iout = 5 mA
0.20
6
Vin = 13.5 V
Figure 19. Quiescent Current vs. Temperature,
3.3 V Version
TEMPERATURE (°C)
110
60
10
−40
0
5
10
15
35
40
45
30
160
25
Vin = 13.5 V
Iout = 100 mA
20
Figure 20. Quiescent Current vs. Temperature,
3.3 V Version
−40°C
125°C
25°C
5
0.40


Similar Part No. - NCV8664ST33T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8664ST33T3G ONSEMI-NCV8664ST33T3G Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
More results

Similar Description - NCV8664ST33T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8664 ONSEMI-NCV8664 Datasheet
281Kb / 9P
   Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
logo
ON Semiconductor
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
165Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com