Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV33163DWR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV33163DWR2G
Description  2.5 A, Step?뭊p/Down/Inverting Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV33163DWR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV33163DWR2G Datasheet HTML 3Page - ON Semiconductor NCV33163DWR2G Datasheet HTML 4Page - ON Semiconductor NCV33163DWR2G Datasheet HTML 5Page - ON Semiconductor NCV33163DWR2G Datasheet HTML 6Page - ON Semiconductor NCV33163DWR2G Datasheet HTML 7Page - ON Semiconductor NCV33163DWR2G Datasheet HTML 8Page - ON Semiconductor NCV33163DWR2G Datasheet HTML 9Page - ON Semiconductor NCV33163DWR2G Datasheet HTML 10Page - ON Semiconductor NCV33163DWR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NCV33163
http://onsemi.com
7
Feedback
Comparator
R
S
Q
LVI
1
+
+
+
Current
Limit
8
7
6
5
4
3
2
(Bottom View)
+
16
9
10
12
13
14
15
0.25 V
+
Ipk Sense
RSC
VCC
Timing Capacitor
Shutdown
CT
GND
RDT
Voltage Feedback 1
Voltage Feedback 2
LVI Output
1.125 V
15 k
1.25 V
+
45 k
Thermal
Oscillator
Latch
Q2
60
2.0 mA
7.0 V
Bootstrap Input
Switch Emitter
GND
Switch Collector
Driver Collector
+
Sink Only
Positive True Logic
=
Figure 19. Representative Block Diagram
+
+
+
+
+
11
Q1
Comparator Output
Timing Capacitor CT
Oscillator Output
Output Switch
Output Voltage
Nominal Output
Voltage Level
1
0
1.25 V
0.55 V
1
0
On
Off
Figure 20. Typical Operating Waveforms
Startup
Quiescent Operation
9t
t


Similar Part No. - NCV33163DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV33163DWR2 ONSEMI-NCV33163DWR2 Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
More results

Similar Description - NCV33163DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163 Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com