Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE5532 Datasheet(PDF) 5 Page - ON Semiconductor

Part # SE5532
Description  Internally Compensated Dual Low Noise Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SE5532 Datasheet(HTML) 5 Page - ON Semiconductor

  SE5532 Datasheet HTML 1Page - ON Semiconductor SE5532 Datasheet HTML 2Page - ON Semiconductor SE5532 Datasheet HTML 3Page - ON Semiconductor SE5532 Datasheet HTML 4Page - ON Semiconductor SE5532 Datasheet HTML 5Page - ON Semiconductor SE5532 Datasheet HTML 6Page - ON Semiconductor SE5532 Datasheet HTML 7Page - ON Semiconductor SE5532 Datasheet HTML 8Page - ON Semiconductor SE5532 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
10
102
103
104
105
106
107
120
80
40
0
-40
f (Hz)
80
60
40
20
0
-55
-25
0
25
50
75
100 +125
-55
-25
0
25
50
75
100 +125
1,4
1,2
0,8
0,4
0
30
20
10
0
010
20
Tamb (oC)
TYP
IO
(mA)
II
(mA)
VIN (V)
Vp; −VN (V)
Figure 2. Open-Loop Frequency
Response
60
40
20
0
-20
103
104
105
106
107
108
f (Hz)
RF = 10 kW; RE = 100 W
RF = 9 kW; RE = 1 kW
RF = 1 kW; RE = ∞
102
103
104
105
106
107
40
30
20
10
0
f (Hz)
(V)
Vo(p-p)
(nV
Hz)
IO = 0
0
10
20
0
2
4
6
10−2
10
1
10−1
10−2
10
102
103
104
f (Hz)
TYP
TYP
IP
IN
(mA)
Vp; −VN (V)
Tamb (oC)
Figure 3. Closed-Loop Frequency
Response
Figure 4. Large−Signal Frequency
Response
Figure 5. Output Short−Circuit
Current
Figure 6. Input Bias Current
Figure 7. Input Common−Mode
Voltage Range
Figure 8. Supply Current
Figure 9. Input Noise Voltage
Density
TYPICAL VALUES
TYPICAL VALUES
VS = "15 V
TYPICAL VALUES
VS = "15 V
VS = "15 V
TYPICAL VALUES


Similar Part No. - SE5532

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE5532 PHILIPS-SE5532 Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
SE5532A PHILIPS-SE5532A Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
SE5532AD8 PHILIPS-SE5532AD8 Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
SE5532AF PHILIPS-SE5532AF Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
SE5532D8 PHILIPS-SE5532D8 Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
More results

Similar Description - SE5532

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5532 PHILIPS-NE5532 Datasheet
125Kb / 12P
   Internally-compensated dual low noise operational amplifier
1997 Sept 29
5532 PHILIPS-5532 Datasheet
308Kb / 4P
   Internally Compensated dual low noise Operational amplifier
logo
List of Unclassifed Man...
ECG941 ETC1-ECG941 Datasheet
507Kb / 8P
   INTERNALLY-COMPENSATED OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC1741C ONSEMI-MC1741C Datasheet
86Kb / 8P
   Internally Compensated, High Performance Operational Amplifier
April, 2000 - Rev. 6
MC1471 ONSEMI-MC1471 Datasheet
84Kb / 8P
   Internally Compensated, High Performance Operational Amplifier
April, 2000 ??Rev. 6
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com