Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5517NG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NE5517NG
Description  Dual Operational Transconductance Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE5517NG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NE5517NG Datasheet HTML 6Page - ON Semiconductor NE5517NG Datasheet HTML 7Page - ON Semiconductor NE5517NG Datasheet HTML 8Page - ON Semiconductor NE5517NG Datasheet HTML 9Page - ON Semiconductor NE5517NG Datasheet HTML 10Page - ON Semiconductor NE5517NG Datasheet HTML 11Page - ON Semiconductor NE5517NG Datasheet HTML 12Page - ON Semiconductor NE5517NG Datasheet HTML 13Page - ON Semiconductor NE5517NG Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NE5517, NE5517A, AU5517
http://onsemi.com
10
Voltage-Controlled Resistor (VCR)
Because an OTA is capable of producing an output current
proportional to the input voltage, a voltage variable resistor
can be made. Figure 26 shows how this is done. A voltage
presented at the RX terminals forces a voltage at the input.
This voltage is multiplied by gM and thereby forces a current
through the RX terminals:
Rx
+
R
) R
A
g
M ) RA
where gM is approximately 19.21
mMHOs at room
temperature. Figure 27 shows a Voltage Controlled Resistor
using linearizing diodes. This improves the noise
performance of the resistor.
Voltage-Controlled Filters
Figure 28 shows a Voltage Controlled Low-Pass Filter.
The circuit is a unity gain buffer until XC/gM is equal to
R/RA. Then, the frequency response rolls off at a 6dB per
octave with the −3 dB point being defined by the given
equations. Operating in the same manner, a Voltage
Controlled High-Pass Filter is shown in Figure 29. Higher
order filters can be made using additional amplifiers as
shown in Figures 30 and 31.
Voltage-Controlled Oscillators
Figure 32 shows a voltage-controlled triangle-square
wave generator. With the indicated values a range from
2.0 Hz to 200 kHz is possible by varying IABC from 1.0 mA
to 10
mA.
The output amplitude is determined by IOUT
× ROUT.
Please notice the differential input voltage is not allowed
to be above 5.0 V.
With a slight modification of this circuit you can get the
sawtooth pulse generator, as shown in Figure 33.
APPLICATION HINTS
To hold the transconductance gM within the linear range,
IABC should be chosen not greater than 1.0 mA. The current
mirror ratio should be as accurate as possible over the entire
current range. A current mirror with only two transistors is
not recommended. A suitable current mirror can be built
with a PNP transistor array which causes excellent matching
and thermal coupling among the transistors. The output
current range of the DAC normally reaches from 0 to
−2.0 mA. In this application, however, the current range is
set through RREF (10 k
W) to 0 to −1.0 mA.
I
DACMAX + 2 @
V
REF
R
REF
+ 2 @ 5V
10k
W +
1mA
−VCC
4
3
+
NE5517/A
8
VOUT
−VCC
11
+VCC
RX
5
IO
2
R
7
INT
INT
C
+VCC
VC
R
X +
R
) R
A
g
M @
R
A
Figure 26. VCR
30k
W
200
W
200
W
100k
W
10k
W
−VCC
4
3
NE5517/A
8
−VCC
11
+VCC
RX
5
ID
2
R
7
INT
INT
C
+VCC
VC
+VCC
VOS
RP
1
6
Figure 27. VCR with Linearizing Diodes
30k
W
1k
W
100k
W
10k
W


Similar Part No. - NE5517NG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5517NG ONSEMI-NE5517NG Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
More results

Similar Description - NE5517NG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com