Electronic Components Datasheet Search |
|
SA5230N Datasheet(PDF) 6 Page - ON Semiconductor |
|
SA5230N Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 18 page NE5230, SA5230, SE5230 http://onsemi.com 6 THEORY OF OPERATION Input Stage Operational amplifiers which are able to function at minimum supply voltages should have input and output stage swings capable of reaching both supply voltages within a few millivolts in order to achieve ease of quiescent biasing and to have maximum input/output signal handling capability. The input stage of the NE5230 has a common−mode voltage range that not only includes the entire supply voltage range, but also allows either supply to be exceeded by 250 mV without increasing the input offset voltage by more than 6.0 mV. This is unequalled by any other operational amplifier today. In order to accomplish the feat of rail−to−rail input common−mode range, two emitter−coupled differential pairs are placed in parallel so that the common−mode voltage of one can reach the positive supply rail and the other can reach the negative supply rail. The simplified schematic of Figure 1 shows how the complementary emitter−coupler transistors are configured to form the basic input stage cell. Common−mode input signal voltages in the range from 0.8 V above VEE to VCC are handled completely by the NPN pair, Q3 and Q4, while common−mode input signal voltages in the range of VEE to 0.8 V above VEE are processed only by the PNP pair, Q1 and Q2. The intermediate range of input voltages requires that both the NPN and PNP pairs are operating. The collector currents of the input transistors are summed by the current combiner circuit composed of transistors Q8 through Q11 into one output current. Transistor Q8 is connected as a diode to ensure that the outputs of Q2 and Q4 are properly subtracted from those of Q1 and Q3. The input stage was designed to overcome two important problems for rail−to−rail capability. As the common−mode voltage moves from the range where only the NPN pair was operating to where both of the input pairs were operating, the effective transconductance would change by a factor of two. Frequency compensation for the ranges where one input pair was operating would, of course, not be optimal for the range where both pairs were operating. Secondly, fast changes in the common−mode voltage would abruptly saturate and restore the emitter current sources, causing transient distortion. These problems were overcome by assuring that only the input transistor pair which is able to function properly is active. The NPN pair is normally activated by the current source IB1 through Q5 and the current mirror Q6 and Q7, assuming the PNP pair is non−conducting. When the common−mode input voltage passes below the reference voltage, VB1 − 0.8 V at the base of Q5, the emitter current is gradually steered toward the PNP pair, away from the NPN pair. The transfer of the emitter currents between the complementary input pairs occurs in a voltage range of about 120 mV around the reference voltage VB1. In this way the sum of the emitter currents for each of the NPN and PNP transistor pairs is kept constant; this ensures that the transconductance of the parallel combination will be constant, since the transconductance of bipolar transistors is proportional to their emitter currents. An essential requirement of this kind of input stage is to minimize the changes in input offset voltage between that of the NPN and PNP transistor pair which occurs when the input common−mode voltage crosses the internal reference voltage, VB1. Careful circuit layout with a cross−coupled quad for each input pair has yielded a typical input offset voltage of less than 0.3 mV and a change in the input offset voltage of less than 0.1 mV. V V R10 R11 R8 R9 Q3 Q1 Q2 Q4 Q10 Q11 Q5 Q6 Q7 Q8 Q9 VEE VCC IOUT Vb2 + +V b1 VIN− VIN+ Ib1 Figure 1. Input Stage |
Similar Part No. - SA5230N |
|
Similar Description - SA5230N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |