Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5230N Datasheet(PDF) 9 Page - ON Semiconductor

Part # SA5230N
Description  Low Voltage Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5230N Datasheet(HTML) 9 Page - ON Semiconductor

Back Button SA5230N Datasheet HTML 5Page - ON Semiconductor SA5230N Datasheet HTML 6Page - ON Semiconductor SA5230N Datasheet HTML 7Page - ON Semiconductor SA5230N Datasheet HTML 8Page - ON Semiconductor SA5230N Datasheet HTML 9Page - ON Semiconductor SA5230N Datasheet HTML 10Page - ON Semiconductor SA5230N Datasheet HTML 11Page - ON Semiconductor SA5230N Datasheet HTML 12Page - ON Semiconductor SA5230N Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NE5230, SA5230, SE5230
http://onsemi.com
9
The full output power bandwidth range for VCC equals
2.0 V, is above 40 kHz for the maximum bias current setting
and greater than 10 kHz at the minimum bias current setting.
If extremely low signal distortion (<0.05%) is required at
low supply voltages, exclude the common−mode crossover
point (VB1) from the common−mode signal range. This can
be accomplished by proper bias selection or by using an
inverting amplifier configuration.
Most single supply designs necessitate that the inputs to
the op amp be biased between VCC and ground. This is to
assure that the input signal swing is within the working
common−mode range of the amplifier. This leads to another
helpful and unique property of the NE5230 that other CMOS
and bipolar low voltage parts cannot achieve. It is the simple
fact that the input common−mode voltage can go beyond
either the positive or negative supply voltages. This benefit
is made very clear in a non−inverting voltage−follower
configuration. This is shown in Figure 5 where the input sine
wave allows an undistorted output sine wave which will
swing less than 100 mV of either supply voltage. Many
competitive parts will show severe clipping caused by input
common−mode limitations. The NE5230 in this
configuration offers more freedom for quiescent biasing of
the inputs close to the positive supply rail where similar op
amps would not allow signal processing.
There are not as many considerations when designing
with the NE5230 as with other devices. Since the NE5230
is internally−compensated and has a unity gain−bandwidth
of 600 kHz, board layout is not so stringent as for very high
frequency devices such as the NE5205. The output
capability of the NE5230 allows it to drive relatively high
capacitive loads and small resistive loads. The power supply
pins should be decoupled with a low−pass RC network as
close to the supply pins as possible to eliminate 60 Hz and
other external power line noise, although the power supply
rejection ratio (PSRR) for the part is very high. The pinout
for the NE5230 is the same as the standard single op amp
pinout with the exception of the bias current adjusting pin.
V+
V−
+
NE5230
OTHER
PARTS
V+
V−
V+
V−
V+
V−
Figure 5. In a non−inverting voltage−follower configuration, the NE5230 will give full rail−to−rail swing.
Other low voltage amplifiers will not because they are limited by their input common−mode
range and output swing capability.


Similar Part No. - SA5230N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5230N PHILIPS-SA5230N Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
SA5230NG ONSEMI-SA5230NG Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results

Similar Description - SA5230N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
   Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
TAITRON Components Inco...
LMV358 TAITRON-LMV358 Datasheet
1Mb / 18P
   Dual Low Voltage Operational Amplifier
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
New Japan Radio
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com