Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NID9N05CL Datasheet(PDF) 5 Page - ON Semiconductor

Part # NID9N05CL
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NID9N05CL Datasheet(HTML) 5 Page - ON Semiconductor

  NID9N05CL Datasheet HTML 1Page - ON Semiconductor NID9N05CL Datasheet HTML 2Page - ON Semiconductor NID9N05CL Datasheet HTML 3Page - ON Semiconductor NID9N05CL Datasheet HTML 4Page - ON Semiconductor NID9N05CL Datasheet HTML 5Page - ON Semiconductor NID9N05CL Datasheet HTML 6Page - ON Semiconductor NID9N05CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NID9N05CL
http://onsemi.com
5
Crss
020
30
40
50
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
200
0
300
100
10
VGS = 0 V
TJ = 25°C
Coss
Ciss
400
500
Frequency = 10 kHz
VDS
VGS
10
0
0.4
DRAIN−TO−SOURCE DIODE CHARACTERISTICS
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
110
100
10,000
100
VGS = 0 V
TJ = 25°C
Figure 10. Diode Forward Voltage versus Current
0
5
3
1
0
Qg, TOTAL GATE CHARGE (nC)
4
2
3
12
5
1.2
2
4
6
ID = 9 A
TJ = 25°C
Qgd
Qgs
QT
tr
td(off)
td(on)
tf
1000
VDD = 40 V
ID = 9 A
VGS = 10 V
4
8
1.0
0.8
0.6
50
40
30
20
10
0


Similar Part No. - NID9N05CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NID9N05CL ONSEMI-NID9N05CL Datasheet
69Kb / 8P
   Power MOSFET
July, 2004 ??Rev. 5
NID9N05CL ONSEMI-NID9N05CL Datasheet
123Kb / 7P
   9.0 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
December, 2013 ??Rev. 10
NID9N05CLG ONSEMI-NID9N05CLG Datasheet
123Kb / 7P
   9.0 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
December, 2013 ??Rev. 10
logo
VBsemi Electronics Co.,...
NID9N05CLG VBSEMI-NID9N05CLG Datasheet
1,004Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
ON Semiconductor
NID9N05CLT4 ONSEMI-NID9N05CLT4 Datasheet
69Kb / 8P
   Power MOSFET
July, 2004 ??Rev. 5
More results

Similar Description - NID9N05CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com