Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIS5112 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NIS5112
Description  Electronic Fuse
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5112 Datasheet(HTML) 3 Page - ON Semiconductor

  NIS5112_07 Datasheet HTML 1Page - ON Semiconductor NIS5112_07 Datasheet HTML 2Page - ON Semiconductor NIS5112_07 Datasheet HTML 3Page - ON Semiconductor NIS5112_07 Datasheet HTML 4Page - ON Semiconductor NIS5112_07 Datasheet HTML 5Page - ON Semiconductor NIS5112_07 Datasheet HTML 6Page - ON Semiconductor NIS5112_07 Datasheet HTML 7Page - ON Semiconductor NIS5112_07 Datasheet HTML 8Page - ON Semiconductor NIS5112_07 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NIS5112
http://onsemi.com
3
Table 3. ELECTRICAL CHARACTERISTICS (Unless otherwise noted: VCC = 12 V, RLIMIT = 56 W TJ = 25°C)
Characteristics
Symbol
Min
Typ
Max
Unit
POWER FET
Delay Time (Enabling of Chip to Beginning of Conduction (10% of IPK))
Tdly
5.0
ms
Charging Time (Beginning of Conduction to 90% of Vout)
CdV/dt = 1 mF, Cload = 1000 mF
tchg
64
ms
ON Resistance
(ID = 2 A, TJ = −20°C) (Note 3)
(ID = 2 A, TJ = 25°C)
(ID = 2 A, TJ = 100°C) (Note 3)
RDSon
23.5
28
37
27.5
32
43.5
m
W
Off State Output Voltage
(Vin = 12 Vdc, Enable Low, Vdc, TJ = −20°C) (Note 3)
(Vin = 12 Vdc, Enable Low, TJ = 25°C)
(Vin = 12 Vdc, Enable Low, TJ = 100°C) (Note 3)
Voff
120
120
200
mV
Output Capacitance (VDS = 12 Vdc, VGS = 0 Vdc, f = 10 kHz)
396
pF
THERMAL LATCH
Shutdown Temperature (Note 3)
TSD
125
135
145
°C
Thermal Hysteresis (Auto Retry Only) (Note 3)
Thyst
40
°C
ENABLE/TIMER
Enable Voltage (Turn−on)
(Rload = 2 K, TJ = −20°C) (Note 3)
(Rload = 2 K, TJ = 25°C)
(Rload = 2 K, TJ = 100°C) (Note 3)
VENon
2.45
2.5
2.7
V
Enable Voltage (Turn−off)
(Rload = 2 K, TJ = −20°C) (Note 3)
(Rload = 2 K, TJ = 25°C)
(Rload = 2 K, TJ = 100°C) (Note 3)
VENoff
1.8
1.9
2.0
V
Charging Current (Current Sourced into Timing Cap)
(TJ = −20°C) (Note 3)
(TJ = 25°C)
(TJ = 100°C) (Note 3)
ICharge
67
70
71
80
83
84
90
92
96
mA
OVERVOLTAGE CLAMP
Output Clamping Voltage
(VCC = 18 V, TJ = −20°C) (Note 3)
(VCC = 18 V, TJ = 25°C)
(VCC = 18 V, TJ = 100°C) (Note 3)
VClamp
14
14
13
15.5
15
14.5
17
16.2
16
V
CURRENT LIMIT
Short Circuit Current Limit,
(RextILimit = 56 W, TJ = −20°C) (Note 3)
(RextILimit = 56 W, TJ = 25°C)
(RextILimit = 56 W, TJ = 100°C) (Note 3)
ILim−SS
2.05
2.0
1.7
2.7
2.5
2.3
3.2
3.0
2.7
A
Overload Current Limit, (Note 3)
(RextILimit = 56 W, TJ = −20°C)
(RextILimit = 56 W, TJ = 25°C)
(RextILimit = 56 W, TJ = 100°C)
ILim−OL
3.7
3.5
3.4
4.6
4.4
4.3
5.5
5.3
5.2
A
dV/dt CIRCUIT
Slew Rate
(CdV/dt = 1 mf)
dV/dt
0.130
0.15
0.170
V/ms
Charging Current (Current Sourced into dV/dt Cap)
(TJ = −20°C) (Note 3)
(TJ = 25°C)
(TJ = 100°C) (Note 3)
IdV/dt
67
70
71
80
83
84
90
92
96
mA
Max Capacitor Voltage
Vmax
VCC
V
TOTAL DEVICE
Bias Current (Device Operational, Load Open, Vin = 12 V)
IBias
1.45
2.0
mA
Minimum Operating Voltage
Vmin
9.0
V
3. Verified by design.


Similar Part No. - NIS5112_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5112D1R2G ONSEMI-NIS5112D1R2G Datasheet
96Kb / 9P
   Electronic Fuse
November, 2006 ??Rev. 4
NIS5112D1R2G ONSEMI-NIS5112D1R2G Datasheet
415Kb / 9P
   Electronic Fuse
January, 2011 ??Rev. 9
NIS5112D2R2G ONSEMI-NIS5112D2R2G Datasheet
96Kb / 9P
   Electronic Fuse
November, 2006 ??Rev. 4
NIS5112D2R2G ONSEMI-NIS5112D2R2G Datasheet
415Kb / 9P
   Electronic Fuse
January, 2011 ??Rev. 9
NIS5112 ONSEMI-NIS5112_11 Datasheet
415Kb / 9P
   Electronic Fuse
January, 2011 ??Rev. 9
More results

Similar Description - NIS5112_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5112 ONSEMI-NIS5112_11 Datasheet
415Kb / 9P
   Electronic Fuse
January, 2011 ??Rev. 9
NIS5112 ONSEMI-NIS5112 Datasheet
96Kb / 9P
   Electronic Fuse
November, 2006 ??Rev. 4
NIS5452 ONSEMI-NIS5452 Datasheet
80Kb / 8P
   Volt Electronic Fuse
June, 2015 ??Rev. 0
logo
Advanced Analogic Techn...
AAT4680 ANALOGICTECH-AAT4680_06 Datasheet
216Kb / 10P
   Electronic Resettable Fuse
AAT4680 ANALOGICTECH-AAT4680 Datasheet
279Kb / 8P
   Electronic Resettable Fuse
logo
Advanced Analog Technol...
AAT4680 AAT-AAT4680 Datasheet
216Kb / 10P
   Electronic Resettable Fuse
logo
ON Semiconductor
NIS5232 ONSEMI-NIS5232 Datasheet
271Kb / 11P
   Volt Electronic Fuse
July, 2014 ??Rev. 2
NIS5132MN3TXG ONSEMI-NIS5132MN3TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
NIS5132 ONSEMI-NIS5132_14 Datasheet
272Kb / 11P
   12 Volt Electronic Fuse
July, 2014 ??Rev. 10
NIS5431MT1TXG ONSEMI-NIS5431MT1TXG Datasheet
80Kb / 7P
   3.3 Volt Electronic Fuse
November, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com