Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIS6111 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NIS6111
Description  BERS IC (Better Efficiency Rectifier System)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS6111 Datasheet(HTML) 4 Page - ON Semiconductor

  NIS6111_05 Datasheet HTML 1Page - ON Semiconductor NIS6111_05 Datasheet HTML 2Page - ON Semiconductor NIS6111_05 Datasheet HTML 3Page - ON Semiconductor NIS6111_05 Datasheet HTML 4Page - ON Semiconductor NIS6111_05 Datasheet HTML 5Page - ON Semiconductor NIS6111_05 Datasheet HTML 6Page - ON Semiconductor NIS6111_05 Datasheet HTML 7Page - ON Semiconductor NIS6111_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NIS6111
http://onsemi.com
4
Figure 1. Switching Waveform
Vrev
Vfwd
tsat
Vsat
Imax
trev
Irev
Voltage
Regulator
Reg In
Bias
+
Gate
Anode
Cathode
Figure 2. Functional Block Diagram
Figure 3. Synchronous Buck Turn Off Delay
1.8
1.6
1.2
1.4
1.0
0.8
0.6
Figure 4. On−Resistance Variation with Temperature
TJ, JUNCTION TEMPERATURE (°C)
−50
50
25
0
−25
75
125
100
150
ID = 55 A
VGS = 4.5 V
−40
−20
0
20
40
60
80
100 120
80
TEMPERATURE (°C)
70
60
50
40
30
20
10
0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
−40
−20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 5. Delay Time versus Temperature
Figure 6. Headroom versus Temperature


Similar Part No. - NIS6111_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS6111QPT1 ONSEMI-NIS6111QPT1 Datasheet
65Kb / 8P
   Better Efficiency Rectifier System
September, 2004 ??Rev. P3
More results

Similar Description - NIS6111_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS6111 ONSEMI-NIS6111 Datasheet
65Kb / 8P
   Better Efficiency Rectifier System
September, 2004 ??Rev. P3
logo
Alpha Wire
PVC-105-24 ALPHAWIRE-PVC-105-24 Datasheet
4Mb / 42P
   Better wire management means better harnesses
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
   System Reset IC
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
   SYSTEM RESET IC
logo
Mitsumi Electronics, Co...
PST85XX MITSUMI-PST85XX Datasheet
139Kb / 13P
   System Reset IC
logo
Toshiba Semiconductor
TC7739FTG TOSHIBA-TC7739FTG Datasheet
906Kb / 39P
   System power IC
2016-09-29
logo
New Japan Radio
NJM2102 NJRC-NJM2102 Datasheet
314Kb / 11P
   SYSTEM RESET IC
logo
Infineon Technologies A...
TLE6210G INFINEON-TLE6210G Datasheet
693Kb / 35P
   ABS System IC
V1.2 2002-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com