Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89C51SND1C-IL Datasheet(PDF) 2 Page - ATMEL Corporation

Part # 89C51SND1C-IL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

89C51SND1C-IL Datasheet(HTML) 2 Page - ATMEL Corporation

  89C51SND1C-IL Datasheet HTML 1Page - ATMEL Corporation 89C51SND1C-IL Datasheet HTML 2Page - ATMEL Corporation 89C51SND1C-IL Datasheet HTML 3Page - ATMEL Corporation 89C51SND1C-IL Datasheet HTML 4Page - ATMEL Corporation 89C51SND1C-IL Datasheet HTML 5Page - ATMEL Corporation 89C51SND1C-IL Datasheet HTML 6Page - ATMEL Corporation 89C51SND1C-IL Datasheet HTML 7Page - ATMEL Corporation 89C51SND1C-IL Datasheet HTML 8Page - ATMEL Corporation 89C51SND1C-IL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 212 page
background image
2
4109J–8051–10/06
AT8xC51SND1C
1.
Description
The AT8xC51SND1C are fully integrated stand-alone hardwired MPEG I/II-Layer 3 decoder with
a C51 microcontroller core handling data flow and MP3-player control.
The AT89C51SND1C includes 64K Bytes of Flash memory and allows In-System Programming
through an embedded 4K Bytes of Boot Flash memory.
The AT83SND1C includes 64K Bytes of ROM memory.
The AT80C51SND1C does not include any code memory.
The AT8xC51SND1C include 2304 Bytes of RAM memory.
The AT8xC51SND1C provides the necessary features for human interface like timers, keyboard
port, serial or parallel interface (USB, TWI, SPI, IDE), ADC input, I2S output, and all external
memory interface (NAND or NOR Flash, SmartMedia, MultiMedia, DataFlash cards).
2.
Typical Applications
•MP3-Player
PDA, Camera, Mobile Phone MP3
Car Audio/Multimedia MP3
Home Audio/Multimedia MP3
3.
Block Diagram
Figure 3-1.
AT8xC51SND1C Block Diagram
8-Bit Internal Bus
Clock and PLL
Unit
C51 (X2 Core)
RAM
2304 Bytes
Flash
ROM
Interrupt
Handler Unit
FILT
X2
X1
MP3 Decoder
Unit
TWI
Controller
MMC
Interface
I/O
SCL SDA
MDAT
P0-P5
10-bit A to D
Converter
VSS
VDD
Keyboard
Interface
KIN3:0
I
2S/PCM
Audio Interface
AVSS
AVDD
1 Alternate function of Port 1
AIN1:0
Ports
INT0
INT1
MOSI
MISO
3 Alternate function of Port 3
4 Alternate function of Port 4
Timers 0/1
T1
T0
SPI/DataFlash
Controller
MCLK
MCMD
SCK
RST
AREF
DSEL
DCLK
SCLK
DOUT
64 KBytes
USB
Controller
D+
D-
UART
RXD
TXD
IDE
Interface
SS
Watchdog
Flash Boot
4 KBytes
ISP
UVSS
UVDD
and
BRG
ALE
33
33
3
34
4
4
4
1
1
1


Similar Part No. - 89C51SND1C-IL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
89C51SND1C-IL ATMEL-89C51SND1C-IL Datasheet
458Kb / 42P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
More results

Similar Description - 89C51SND1C-IL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C51SND1C ATMEL-AT83C51SND1C_03 Datasheet
1Mb / 210P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND1C ATMEL-AT83SND1C Datasheet
458Kb / 42P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT89C51SND2C ATMEL-AT89C51SND2C Datasheet
1Mb / 236P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C_05 Datasheet
2Mb / 235P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C_06 Datasheet
2Mb / 241P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
DOC4106 ATMEL-DOC4106 Datasheet
791Kb / 47P
   Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
AT83C51SND1C ATMEL-AT83C51SND1C Datasheet
791Kb / 47P
   Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
T83C51SND1 ATMEL-T83C51SND1 Datasheet
868Kb / 60P
   Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
   Single-Chip MP3 Decoder with Full Audio Interface
logo
Silan Microelectronics ...
SC9822P SILAN-SC9822P Datasheet
588Kb / 30P
   MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com