Electronic Components Datasheet Search |
|
C2012X7R2A223K Datasheet(PDF) 1 Page - TDK Electronics |
|
C2012X7R2A223K Datasheet(HTML) 1 Page - TDK Electronics |
1 / 8 page • All specifications are subject to change without notice. (1/8) 001-01 / 20020221 / e42144_c2012.fm Ceramic Capacitors C Series For Mid Voltage SMD FEATURES • The unique design structure for mid voltage enables a compact size with high voltage resistance. • Rated voltage Edc: 100, 250 and 630V. • C3225, C4532 and C5750 types are specific to reflow soldering. APPLICATIONS Snapper circuits for switching power supply, ringer circuits for tele- phone and modem, or other general high voltage circuits. SHAPES AND DIMENSIONS Dimensions in mm PRODUCT IDENTIFICATION (1) Series name (2) Dimensions (3) Capacitance temperature characteristics Class 1 (Temperature compensation) Class 2 (Temperature stable and general purpose) (4) Rated voltage Edc (5) Nominal capacitance The capacitance is expressed in three digit codes and in units of pico farads (pF). The first and second digits identify the first and second significant figures of the capacitance. The third digit identifies the multiplier. R designates a decimal point. (6) Capacitance tolerance (7) Packaging style Type L W T C1608 1.6±0.1 0.8±0.1 0.8±0.1 C2012 2.0±0.2 1.25±0.2 0.6±0.1 0.85±0.15 1.25±0.2 C3216 3.2±0.2 1.6±0.2 0.6±0.1 0.85±0.15 1.15±0.15 1.3±0.2 1.6±0.2 C3225 3.2±0.4 2.5±0.3 1.25±0.2 1.6±0.2 2.0±0.2 C4532 4.5±0.4 3.2±0.4 1.6±0.2 2.0±0.2 2.3±0.2 2.5±0.3 3.2±0.4 C5750 5.7±0.4 5.0±0.4 1.6±0.2 2.3±0.2 L 1608 1.6 ×0.8mm 2012 2.0 ×1.25mm 3216 3.2 ×1.6mm 3225 3.2 ×2.5mm 4532 4.5 ×3.2mm 5750 5.7 ×5.0mm Temperature characteristics Capacitance change Temperature range C0G 0±30ppm/°C –55 to +125°C Temperature characteristics Capacitance change Temperature range X7R ±15% –55 to +125°C 2A 100V 2E 250V 2J 630V 102 1000pF 333 33000pF 474 470000pF J±5% K±10% M±20% T Taping (reel) BBulk C2012 JB 2E 102 K (1) (2) (3) (4) (5) (6) (7) |
Similar Part No. - C2012X7R2A223K |
|
Similar Description - C2012X7R2A223K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |