Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80C51RD2-SLSUM Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT80C51RD2-SLSUM
Description  80C51 High Performance ROM 8-bit Microcontroller
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RD2-SLSUM Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT80C51RD2-SLSUM Datasheet HTML 2Page - ATMEL Corporation AT80C51RD2-SLSUM Datasheet HTML 3Page - ATMEL Corporation AT80C51RD2-SLSUM Datasheet HTML 4Page - ATMEL Corporation AT80C51RD2-SLSUM Datasheet HTML 5Page - ATMEL Corporation AT80C51RD2-SLSUM Datasheet HTML 6Page - ATMEL Corporation AT80C51RD2-SLSUM Datasheet HTML 7Page - ATMEL Corporation AT80C51RD2-SLSUM Datasheet HTML 8Page - ATMEL Corporation AT80C51RD2-SLSUM Datasheet HTML 9Page - ATMEL Corporation AT80C51RD2-SLSUM Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
7
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
SFR Mapping
The Special Function Registers (SFRs) of the microcontroller fall into the following
categories:
C51 core registers: ACC, B, DPH, DPL, PSW, SP
I/O port registers: P0, P1, P2, P3
Timer registers: T2CON, T2MOD, TCON, TH0, TH1, TH2, TMOD, TL0, TL1, TL2,
RCAP2L, RCAP2H
Serial I/O port registers: SADDR, SADEN, SBUF, SCON
PCA (Programmable Counter Array) registers: CCON, CCAPMx, CL, CH,
CCAPxH, CCAPxL (x: 0 to 4)
Power and clock control registers: PCON
Hardware Watchdog Timer registers: WDTRST, WDTPRG
Interrupt system registers: IE0, IPL0, IPH0, IE1, IPL1, IPH1
Keyboard Interface registers: KBE, KBF, KBLS
BRG (Baud Rate Generator) registers: BRL, BDRCON
Clock Prescaler register: CKRL
Others: AUXR, AUXR1, CKCON0, CKCON1


Similar Part No. - AT80C51RD2-SLSUM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AT80C51RD2-SLSUM IRF-AT80C51RD2-SLSUM Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
AT80C51RD2-SLSUM ATMEL-AT80C51RD2-SLSUM Datasheet
927Kb / 86P
   80C51 High Performance ROM 8-bit Microcontroller
AT80C51RD2-SLSUM ATMEL-AT80C51RD2-SLSUM Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
AT80C51RD2-SLSUM ATMEL-AT80C51RD2-SLSUM Datasheet
1Mb / 81P
   80C51 High Performance ROM 8-bit Microcontroller
More results

Similar Description - AT80C51RD2-SLSUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80C51RD2 ATMEL-AT80C51RD2_09 Datasheet
1Mb / 81P
   80C51 High Performance ROM 8-bit Microcontroller
AT80C51RD2 ATMEL-AT80C51RD2_08 Datasheet
927Kb / 86P
   80C51 High Performance ROM 8-bit Microcontroller
AT83C51RC2 ATMEL-AT83C51RC2 Datasheet
1Mb / 81P
   80C51 High Performance ROM 8-bit Microcontroller
logo
NXP Semiconductors
P87C552SFAA NXP-P87C552SFAA Datasheet
341Kb / 74P
   80C51 8-bit microcontroller
2003 Apr 01
logo
Microchip Technology
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
PIC17C4X MICROCHIP-PIC17C4X Datasheet
1Mb / 240P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
PIC17C44 MICROCHIP-PIC17C44 Datasheet
935Kb / 241P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
logo
NXP Semiconductors
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P83C660X2 PHILIPS-P83C660X2 Datasheet
574Kb / 102P
   80C51 8-bit microcontroller family
2003 Oct 02
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com