Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C5132-ROTIL Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB USB Microcontroller with 64K Bytes Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 7Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 8Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 9Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 10Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 11Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 12Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
13
AT89C5132
4173CS–USB–07/04
Address Spaces
The AT8xC5132 derivatives implement four different address spaces:
Program/Code Memory
Boot Memory
Data Memory
Special Function Registers (SFRs)
Code Memory
The AT89C5132 implements 64K Bytes of on-chip program/code memory in Flash
technology.
The Flash memory increases ROM functionality by enabling in-circuit electrical erasure
and programming. Thanks to the internal charge pump, the high voltage needed for pro-
gramming or erasing Flash cells is generated on-chip using the standard VDD voltage.
Thus, the AT89C5132 can be programmed using only one voltage and allows in applica-
tion software programming commonly known as IAP. Hardware programming mode is
also available using specific programming tools.
Boot Memory
The AT89C5132 implements 4K Bytes of on-chip boot memory provided in Flash tech-
nology. This boot memory is delivered programmed with a standard bootloader software
allowing in system programming commonly known as ISP. It also contains some Appli-
cation Programming Interfaces routines commonly known as API allowing user to
develop his own bootloader.
Data Memory
The AT89C5132 derivatives implement 2304 bytes of on-chip data RAM. This memory
is divided in two separate areas:
256 bytes of on-chip RAM memory (standard C51 memory).
2048 bytes of on-chip expanded RAM memory (ERAM accessible via MOVX
instructions).


Similar Part No. - AT89C5132-ROTIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5132-ROTIL ATMEL-AT89C5132-ROTIL Datasheet
2Mb / 33P
   USB Microcontroller with 64K Bytes Flash Memory
AT89C5132-ROTIL ATMEL-AT89C5132-ROTIL Datasheet
1Mb / 181P
   USB Microcontroller with 64K Bytes Flash Memory
AT89C5132-ROTIL ATMEL-AT89C5132-ROTIL Datasheet
1Mb / 182P
   USB Microcontroller with 64K Bytes Flash Memory
More results

Similar Description - AT89C5132-ROTIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5132 ATMEL-AT89C5132 Datasheet
2Mb / 33P
   USB Microcontroller with 64K Bytes Flash Memory
AT89C5132 ATMEL-AT89C5132_06 Datasheet
1Mb / 181P
   USB Microcontroller with 64K Bytes Flash Memory
AT83C5132 ATMEL-AT83C5132 Datasheet
1,009Kb / 10P
   USB Microcontroller with 64K Bytes Flash Memory
AT89C5132 ATMEL-AT89C5132_07 Datasheet
1Mb / 182P
   USB Microcontroller with 64K Bytes Flash Memory
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
ATMEL Corporation
AT90USB646 ATMEL-AT90USB646_09 Datasheet
603Kb / 35P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
logo
List of Unclassifed Man...
DOC7707 ETC1-DOC7707 Datasheet
3Mb / 307P
   Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
logo
ATMEL Corporation
AT90USB646 ATMEL-AT90USB646 Datasheet
3Mb / 434P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
logo
PHOENIX CONTACT
2402809 PHOENIX-2402809 Datasheet
49Kb / 1P
   USB memory stick - USB FLASH DRIVE
logo
ATMEL Corporation
ATMEGA8U2 ATMEL-ATMEGA8U2_12 Datasheet
325Kb / 22P
   Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com