Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT87C5103-ICRAL Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT87C5103-ICRAL
Description  Low-pin Count 8-bit Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103-ICRAL Datasheet(HTML) 4 Page - ATMEL Corporation

  AT87C5103-ICRAL Datasheet HTML 1Page - ATMEL Corporation AT87C5103-ICRAL Datasheet HTML 2Page - ATMEL Corporation AT87C5103-ICRAL Datasheet HTML 3Page - ATMEL Corporation AT87C5103-ICRAL Datasheet HTML 4Page - ATMEL Corporation AT87C5103-ICRAL Datasheet HTML 5Page - ATMEL Corporation AT87C5103-ICRAL Datasheet HTML 6Page - ATMEL Corporation AT87C5103-ICRAL Datasheet HTML 7Page - ATMEL Corporation AT87C5103-ICRAL Datasheet HTML 8Page - ATMEL Corporation AT87C5103-ICRAL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
4
AT8xC5103
4134C–8051–09/04
Pin Description
Mnemonic
Type
Name and Function
VSS
I
Ground: 0V reference
VCC
I
Power Supply: 3.0V or 5.5V
P1.0 - P1.7
I/O
Port 1: Port 1 is an 8-bit programmable I/O port with internal pull-up
Alternate functions for Port 1 include:
I/O
MISO (P1.0): Master IN, Slave OUT of the SPI controller
I/O
MOSI (P1.1): Master OUT, Slave IN of the SPI controller
I/O
DIG2 (P1.2): Programmable as Output with Push-pull
ECI: External Clock for PCA
I/O
CEX0 (P1.3): Capture/Compare External I/O for PCA module 0
I/O
CEX1 (P1.4): Capture/Compare External I/O for PCA module 1
I/O
CEX2 (P1.5): Capture/Compare External I/O for PCA module 2
I/O
CEX3 (P1.6): Capture/Compare External I/O for PCA module 3
I/O
SS (P1.7): Slave select input of the SPI controller
CEX4: Capture/Compare External I/O for PCA module 3
XTAL1
I
Input to the inverting oscillator amplifier
XTAL2
O
Output from the inverting oscillator amplifier
RST/VPP
I
RST: Negative Reset input
A low on this pin for two machine cycles while the oscillator is running,
resets the device.
This pin will include a pull-down to reset the circuit if no external reset
level is applied.
VPP: High voltage input for OTP programming
P3.0 - P3.7
I/O
Port 3: Port 3 is a 8-bit programmable I/O port with internal pull-up.
I/O
P3.0: Programmable as Output with Push-pull.
I/O
P3.1: Programmable as Output with Push-pull.
I/O
DIG0 (P3.2): Programmable as Output with Push-pull.
INT0: External Interrupt 0
I/O
P3.3: Programmable as Output with Push-pull.
INT1: External Interrupt 1
I/O
DIG1 (P3.4): Programmable as Output with Push-pull.
T0: Timer 0 external Input
I/O
P3.5: Programmable as Output with Push-pull.
T1: Timer 1 external Input
I/O
SPICK (P3.6): Clock I/O of the SPI controller
I/O
P3.7: Programmable as Output with Push-pull.
P4.0-P4.2
I/O
Port 4: Port 4 is an 3-bit I/O port with internal pull-up


Similar Part No. - AT87C5103-ICRAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87C5103-ICRAL ATMEL-AT87C5103-ICRAL Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103-ICRAL ATMEL-AT87C5103-ICRAL Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results

Similar Description - AT87C5103-ICRAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
NXP Semiconductors
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com