Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SB9R625NRFB Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # E48SB9R625NRFB
Description  Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SB9R625NRFB Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button E48SB9R625NRFB Datasheet HTML 3Page - Delta Electronics, Inc. E48SB9R625NRFB Datasheet HTML 4Page - Delta Electronics, Inc. E48SB9R625NRFB Datasheet HTML 5Page - Delta Electronics, Inc. E48SB9R625NRFB Datasheet HTML 6Page - Delta Electronics, Inc. E48SB9R625NRFB Datasheet HTML 7Page - Delta Electronics, Inc. E48SB9R625NRFB Datasheet HTML 8Page - Delta Electronics, Inc. E48SB9R625NRFB Datasheet HTML 9Page - Delta Electronics, Inc. E48SB9R625NRFB Datasheet HTML 10Page - Delta Electronics, Inc. E48SB9R625NRFB Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DESIGN CONSIDERATIONS
Current Sharing
The modules are capable of operating in parallel without
any external current sharing circuitry.
For
a
normal
parallel
operation,
the
following
precautions must be observed:
1. The current sharing accuracy calculation equation is:
Current sharing accuracy=((I load/n)-I)*100%)/I rated
Where, I load=Total load current;
I= Output current of per converter;
Irated=Converter’s rated output current at different Vin;
n=the numberous of parallel modules
2. The maximum load current for N converters is
Imax=(1-X%)*N*Irated.
Where, X% is current sharing load accuracy.
Irated is 100% load for different Vin
This unit has been tested with up to 2 units in
parallel.
3. To ensure a better steady current sharing accuracy,
below design guideline should be followed:
a) The inputs of the converters must be connected to the
same voltage source
b) The PCB trace resistance from Input voltage source to
Vin+ and Vin- of each converter should be as equalize as
possible.
c) The PCB trace resistance from each converter’s
output to the load should be equalized as much as
possible.
4. To ensure a better transient current sharing, and the
monotonic startup of the parallel module
a) The ON/OFF pin of the converters should be
connected together to keep the parallel modules start up
at the approximately same time.
b) The under voltage lockout point will slightly vary from
unit to unit. The dv/dt of the rising edge of the input
source voltage must be greater than 1V/ms to ensure
that the parallel can start up at the approximately same
time.
DS_E48SB9R625_01232007
8


Similar Part No. - E48SB9R625NRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
E48SC05012 DELTA-E48SC05012 Datasheet
760Kb / 15P
   Standard footprint
E48SC05012NMFA DELTA-E48SC05012NMFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
More results

Similar Description - E48SB9R625NRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R825NRFA DELTA-E48SR1R825NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
Q48SB9R650NRFA DELTA-Q48SB9R650NRFA Datasheet
602Kb / 12P
   Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com