Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C5103XXX-IBRAL Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT83C5103XXX-IBRAL
Description  Low-pin Count 8-bit Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5103XXX-IBRAL Datasheet(HTML) 1 Page - ATMEL Corporation

  AT83C5103XXX-IBRAL Datasheet HTML 1Page - ATMEL Corporation AT83C5103XXX-IBRAL Datasheet HTML 2Page - ATMEL Corporation AT83C5103XXX-IBRAL Datasheet HTML 3Page - ATMEL Corporation AT83C5103XXX-IBRAL Datasheet HTML 4Page - ATMEL Corporation AT83C5103XXX-IBRAL Datasheet HTML 5Page - ATMEL Corporation AT83C5103XXX-IBRAL Datasheet HTML 6Page - ATMEL Corporation AT83C5103XXX-IBRAL Datasheet HTML 7Page - ATMEL Corporation AT83C5103XXX-IBRAL Datasheet HTML 8Page - ATMEL Corporation AT83C5103XXX-IBRAL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Rev. 4134C–8051–09/04
1
Features
80C51 Compatible CPU Core High-speed Architecture
X2 Speed Improvement Capability (6 Clocks/Machine Cycle)
16 MHz in Standard or X2 mode
256 Bytes RAM
256 Bytes XRAM
12K Bytes ROM/OTP Program Memory
Two 16-bit Timer/Counters T0, T1
5 Channels Programmable Counter Array with High-speed Output, Compare/Capture,
Pulse Width Modulation and Watchdog Timer Capabilities
SPI Interface (Master and Slave mode)
Interrupt Structure with:
– 6 Interrupt Sources
– 4 Interrupt Priority Levels
Power Supply: 3 - 5.5V
Temperature Range: Industrial (-40oC to 85oC), Automotive (-40oC to 125oC)
Package: SSOP16, SSOP24
Description
The AT8xC5103 is a high-performance ROM/OTP version of the 80C51 8-bit Micro-
controller in 16 and 24-pin packages.
The AT8xC5103 contains a standard C51 CPU core with 12 Kbytes ROM/OTP pro-
gram memory, 256 bytes of internal RAM, 256 bytes of extended internal RAM, a 5-
sources 4-level interrupt system, two timer/counters and a SPI serial bus controller.
The AT8xC5103 is also dedicated for analog interfacing applications. For this, it has a
five channels Programmable Counter Array.
In addition, the AT8xC5103 implements the X2 speed improvement mechanism. The
X2 feature allows to keep the same CPU power at a divided by two oscillator
frequency.
The fully static design of the AT8xC5103 allows to reduce system power consumption
by bringing the clock frequency down to any value, even DC, without loss of data.
Low-pin Count
8-bit
Microcontroller
AT87C5103
AT83C5103


Similar Part No. - AT83C5103XXX-IBRAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5103XXX-IBRAL ATMEL-AT83C5103XXX-IBRAL Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT83C5103XXX-IBRAL ATMEL-AT83C5103XXX-IBRAL Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results

Similar Description - AT83C5103XXX-IBRAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
NXP Semiconductors
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com