Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T85C5121-S3RIL Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T85C5121-S3RIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T85C5121-S3RIL Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T85C5121-S3RIL Datasheet HTML 2Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 3Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 4Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 5Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 6Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 7Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 8Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 9Page - ATMEL Corporation T85C5121-S3RIL Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 115 page
background image
6
A/T8xC5121
4164G–SCR–07/06
P3.0
RxD
EVCC
I
UART function
Receive data input
I/O
Input/Output function
P3.0 is a bi-directional I/O port with internal pull-ups.
I
Reset configuration
Input (high level)
P3.1
TxD
EVCC
O
UART function
Transmit data output
OE active at low or high level depending of PMSOEN bits in SIOCON Reg.
I/O
Input/Output function
P3.1 is a bi-directional I/O port with internal pull-ups.
Z
Reset configuration
High impedance due to PMOS switched OFF
P3.2
INT0
DVCC
I
External interrupt 0
INT0 input set IE0 in the TCON register. If bit IT0 in this register is set, bits IE0
are set by a falling edge on INT0. If bit IT0 is cleared, bits IE0 is set by a low
level on INT0.
I/O
Input/Output function
P3.2 is a bi-directional I/O port with internal pull-ups.
I
Timer 0: Gate input
INT0 serves as external run control for Timer 0 when
selected in TCON register.
I
Reset configuration
Input (high level)
P3.3
INT1
OE
EVCC
I
External Interrupt 1
INT1 input set OEIT in ISEL Register, IE1 in the TCON register.
If bit IT1 in this register is set, bits OEIT and IE1 are set by a falling edge on
INT1. If bit IT1 is cleared, bits OEIT and IE1 is set by a low level on INT1
I
UART function
Output enable. A low or high level (depending OELEV bit in
ISEL Register) on this pin disables the PMOS transistors of TxD
(P3.1) and T0 (P3.4). This function can be disabled by software
I/O
Input/Output function
P3.3 is a bi-directional I/O port with internal pull-ups.
I
Timer 1 function: Gate input
INT1 serves as external run control for Timer 1 when
selected in TCON register.
I
Reset configuration
Input (high level)
P3.4
T0
EVCC
O
UART function
OE active at low or high level depending of PMSOEN
bits in SIOCON Reg.
Table 1. Ports Description (Continued)
Port
Signal
Name
Alternate
Internal
Power
Supply
ESD
Type
Description


Similar Part No. - T85C5121-S3RIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T85C5121-S3RIL ATMEL-T85C5121-S3RIL Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T85C5121-S3RIL ATMEL-T85C5121-S3RIL Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
More results

Similar Description - T85C5121-S3RIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_03 Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
   8-BIT MICROCONTROLLER for SMART CARD
logo
ATMEL Corporation
AT90SCR050 ATMEL-AT90SCR050 Datasheet
116Kb / 4P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
   8-bit Microcontroller for Smart Card Readers
AT90SCR100 ATMEL-AT90SCR100_09 Datasheet
9Mb / 433P
   8-bit Microcontroller for Smart Card Readers
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
TEMIC Semiconductors
TSC8051I2 TEMIC-TSC8051I2 Datasheet
469Kb / 2P
   8-bit Microcontroller withI2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com