Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80251G2D-RLTUL Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT80251G2D-RLTUL
Description  8/16-bit Microcontroller with Serial Communication Interfaces
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80251G2D-RLTUL Datasheet(HTML) 2 Page - ATMEL Corporation

  AT80251G2D-RLTUL Datasheet HTML 1Page - ATMEL Corporation AT80251G2D-RLTUL Datasheet HTML 2Page - ATMEL Corporation AT80251G2D-RLTUL Datasheet HTML 3Page - ATMEL Corporation AT80251G2D-RLTUL Datasheet HTML 4Page - ATMEL Corporation AT80251G2D-RLTUL Datasheet HTML 5Page - ATMEL Corporation AT80251G2D-RLTUL Datasheet HTML 6Page - ATMEL Corporation AT80251G2D-RLTUL Datasheet HTML 7Page - ATMEL Corporation AT80251G2D-RLTUL Datasheet HTML 8Page - ATMEL Corporation AT80251G2D-RLTUL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
2
AT/TSC8x251G2D
4135F–8051–11/06
Typical Operating Current:11 mA at 3V
Typical Power-down Current: 1 μA
Temperature Ranges: Commercial (0°C to +70°C), Industrial (-40°C to +85°C), Automotive ((-40°C to +85°C) ROM only)
Option: Extended Range (-55°C to +125°C)
Packages: PDIL 40, PLCC 44 and VQFP 44
Options: Known Good Dice and Ceramic Packages
Description
The TSC80251G2D products are derivatives of the Atmel Microcontroller family based on the 8/16-bit C251 Architecture.
This family of products is tailored to 8/16-bit microcontroller applications requiring an increased instruction throughput, a
reduced operating frequency or a larger addressable memory space. The architecture can provide a significant code size
reduction when compiling C programs while fully preserving the legacy of C51 assembly routines.
The TSC80251G2D derivatives are pin and software compatible with standard 80C51/Fx/Rx/Rx+ with extended on-chip
data memory (1 Kbyte RAM) and up to 256 kilobytes of external code and data. Additionally, the TSC83251G2D and
TSC87251G2D provide on-chip code memory: 32 kilobytes ROM and 32 kilobytes EPROM/OTPROM respectively.
They provide transparent enhancements to Intel’s 8xC251Sx family with an additional Synchronous Serial Link Controller
(SSLC supporting TWI,
μWire and SPI protocols), a Keyboard interrupt interface, a dedicated Baud Rate Generator for
UART, and Power Management features.
TSC80251G2D derivatives are optimized for speed and for low power consumption on a wide voltage range.
Note:
1. This Datasheet provides the technical description of the TSC80251G2D derivatives. For further information on the device
usage, please request the TSC80251 Programmer’s Guide and the TSC80251G1D Design Guide and errata sheet.
Typical Applications
ISDN Terminals
High-Speed Modems
PABX (SOHO)
•Line Cards
DVD ROM and Players
•Printers
Plotters
Scanners
Banking Machines
Barcode Readers
Smart Cards Readers
High-End Digital Monitors
High-End Joysticks
High-end TV’s


Similar Part No. - AT80251G2D-RLTUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80251G2D-RLTUL ATMEL-AT80251G2D-RLTUL Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
More results

Similar Description - AT80251G2D-RLTUL

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
logo
RDC Semiconductor
R8830LV RDC-R8830LV Datasheet
1,001Kb / 97P
   16-Bit Microcontroller with 8-bit external data bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com