Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJD2873RLG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NJD2873RLG
Description  Plastic Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJD2873RLG Datasheet(HTML) 4 Page - ON Semiconductor

  NJD2873RLG Datasheet HTML 1Page - ON Semiconductor NJD2873RLG Datasheet HTML 2Page - ON Semiconductor NJD2873RLG Datasheet HTML 3Page - ON Semiconductor NJD2873RLG Datasheet HTML 4Page - ON Semiconductor NJD2873RLG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NJD2873T4
http://onsemi.com
4
t, TIME (ms)
0.01
0.02
0.05
1
2
5
10
20
50
100
200
0.1
0.5
0.2
1
0.2
0.1
0.05
RqJC(t) = r(t) qJC
RqJC = 10°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
0 (SINGLE PULSE)
Figure 6. Thermal Response
0.5
D = 0.5
0.05
0.3
0.7
0.07
0.03
0.02
0.1
0.02
0.01


Similar Part No. - NJD2873RLG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NJD2873 ISC-NJD2873 Datasheet
227Kb / 2P
   isc Silicon NPN Power Transistor
logo
ON Semiconductor
NJD2873 ONSEMI-NJD2873 Datasheet
72Kb / 5P
   Power Transistors
January, 2017 ??Rev. 18
NJD2873T4 ONSEMI-NJD2873T4 Datasheet
50Kb / 6P
   NPN Silicon DPAK For Surface Mount Applications
August, 2004 ??Rev. 3
NJD2873T4G ONSEMI-NJD2873T4G Datasheet
50Kb / 6P
   NPN Silicon DPAK For Surface Mount Applications
August, 2004 ??Rev. 3
NJD2873T4G ONSEMI-NJD2873T4G Datasheet
99Kb / 5P
   Plastic Power Transistors
January, 2011 ??Rev. 11
More results

Similar Description - NJD2873RLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDJ3P03BJT ONSEMI-MMDJ3P03BJT Datasheet
210Kb / 7P
   Plastic Power Transistors
August, 2006 ??Rev. 5
logo
TRANSYS Electronics Lim...
TIP100 TEL-TIP100 Datasheet
75Kb / 2P
   PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
2N6107 CDIL-2N6107 Datasheet
100Kb / 4P
   PLASTIC POWER TRANSISTORS
TIP100 CDIL-TIP100 Datasheet
320Kb / 3P
   PLASTIC POWER TRANSISTORS
BD202 CDIL-BD202 Datasheet
77Kb / 3P
   PLASTIC POWER TRANSISTORS
BD533 CDIL-BD533 Datasheet
77Kb / 3P
   PLASTIC POWER TRANSISTORS
BD905 CDIL-BD905 Datasheet
127Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP120 TEL-TIP120 Datasheet
80Kb / 3P
   PLASTIC POWER TRANSISTORS
TIP130 TEL-TIP130 Datasheet
72Kb / 2P
   PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSB649 CDIL-CSB649 Datasheet
92Kb / 3P
   PLASTIC POWER TRANSISTORS
2N6121 CDIL-2N6121 Datasheet
269Kb / 3P
   PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com