Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SB9R625PRFB Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # E48SB9R625PRFB
Description  Delphi Series E48SB, 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin, 9.6V/25A out
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SB9R625PRFB Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button E48SB9R625PRFB Datasheet HTML 2Page - Delta Electronics, Inc. E48SB9R625PRFB Datasheet HTML 3Page - Delta Electronics, Inc. E48SB9R625PRFB Datasheet HTML 4Page - Delta Electronics, Inc. E48SB9R625PRFB Datasheet HTML 5Page - Delta Electronics, Inc. E48SB9R625PRFB Datasheet HTML 6Page - Delta Electronics, Inc. E48SB9R625PRFB Datasheet HTML 7Page - Delta Electronics, Inc. E48SB9R625PRFB Datasheet HTML 8Page - Delta Electronics, Inc. E48SB9R625PRFB Datasheet HTML 9Page - Delta Electronics, Inc. E48SB9R625PRFB Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ELECTRICAL CHARACTERISTICS CURVES
Figure 11: Input Terminal Ripple Current, ic, at full rated output
current and nominal input voltage with 10µH source impedance
and 47µF electrolytic capacitor (200 mA/div, 2us/div).
Figure 12: Input reflected ripple current, is, through a 10µH
source inductor at nominal input voltage and rated load current
(20 mA/div, 2us/div).
Vo(-)
Vo(+)
10u
1u
Copper Strip
SCOPE
RESISTIVE
LOAD
Figure 13: Output voltage noise and ripple measurement test
setup.
Figure 14: Output voltage ripple at nominal input voltage and
rated load current (50 mV/div, 2us/div). Load capacitance: 1µF
ceramic capacitor and 10µF tantalum capacitor. Bandwidth: 20
MHz. Scope measurement should be made using a BNC cable
(length shorter than 20 inches). Position the load between 51
mm to 76 mm (2 inches to 3 inches) from the module.
0
0
0
DS_E48SB9R625_01232007
6


Similar Part No. - E48SB9R625PRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
E48SC05012 DELTA-E48SC05012 Datasheet
760Kb / 15P
   Standard footprint
E48SC05012NMFA DELTA-E48SC05012NMFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC05012NNA DELTA-E48SC05012NNA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
More results

Similar Description - E48SB9R625PRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R825NRFA DELTA-E48SR1R825NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
Q48SB9R650NRFA DELTA-Q48SB9R650NRFA Datasheet
602Kb / 12P
   Delphi Series Q48SB, 500W Bus Converter DC/DC Power Modules: 48V in, 9.6V/55A out
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com