Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SH2R535 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # E48SH2R535
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH2R535 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E48SH2R535 Datasheet HTML 1Page - Delta Electronics, Inc. E48SH2R535 Datasheet HTML 2Page - Delta Electronics, Inc. E48SH2R535 Datasheet HTML 3Page - Delta Electronics, Inc. E48SH2R535 Datasheet HTML 4Page - Delta Electronics, Inc. E48SH2R535 Datasheet HTML 5Page - Delta Electronics, Inc. E48SH2R535 Datasheet HTML 6Page - Delta Electronics, Inc. E48SH2R535 Datasheet HTML 7Page - Delta Electronics, Inc. E48SH2R535 Datasheet HTML 8Page - Delta Electronics, Inc. E48SH2R535 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Delphi Series E48SH, 120W Eighth Brick Family
DC/DC Power Modules: 48V in, 2.5V/35A out
The Delphi Series E48SH Eighth Brick, 48V input, single output,
isolated DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics, Inc.
This product family is available in either a through-hole or
surface-mounted package and provides up to 120 watts of power or
50A of output current (1.2V and below) in an industry standard footprint
and pinout. The E48SH converter operates from an input voltage of
36V to 75V and is available in output voltages from 1.0V to 15V.
Efficiency is 89.5% for 2.5V output at 35A full load. With creative design
technology and optimization of component placement, these converters
possess outstanding electrical and thermal performance, as well as
extremely high reliability under highly stressful operating conditions. All
models are fully protected from abnormal input/output voltage, current,
and temperature conditions. The Delphi Series converters meet all
safety requirements with basic insulation.
OPTIONS
Positive On/Off logic
Short pin lengths available
External Synchronization
Output OVP latch mode
Heat spreader
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
FEATURES
High efficiency: 89.5% @2.5V/35A
Size: 58.4mm x 22.8mm x9.5mm
(2.30”x0.90”x0.37”)
Industry standard pin out
Fixed frequency operation
Input UVLO, Output OTP, OCP, OVP
Monotonic startup into normal and
pre-biased loads
2250V Isolation and basic insulation
No minimum load required
No negative current during power or enable
on/off
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada) recognized,
and TUV (EN60950) certified - pending
CE mark meets 73/23/EEC and 93/68/EEC
directive - pending
DATASHEET
DS_E48SH2R535_02272007


Similar Part No. - E48SH2R535

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH2R535NKFA DELTA-E48SH2R535NKFA Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH2R535NKFB DELTA-E48SH2R535NKFB Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH2R535NKFH DELTA-E48SH2R535NKFH Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH2R535NMFA DELTA-E48SH2R535NMFA Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH2R535NMFB DELTA-E48SH2R535NMFB Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
More results

Similar Description - E48SH2R535

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R840NRFA DELTA-E48SH1R840NRFA Datasheet
810Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SH1R840 DELTA-E48SH1R840 Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH05020 DELTA-E48SH05020 Datasheet
806Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH1R050NRFA DELTA-E48SH1R050NRFA Datasheet
1Mb / 14P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.0V/50A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com