Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SH05020 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # E48SH05020
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH05020 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  E48SH05020 Datasheet HTML 1Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 2Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 3Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 4Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 5Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 6Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 7Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 8Page - Delta Electronics, Inc. E48SH05020 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ELECTRICAL CHARACTERISTICS CURVES
E48SH05020_02272007
4
For Negative Remote On/Off Logic
Figure 4: Turn-on transient at zero load current (5 ms/div).
Vin=48V.Top Trace: Vout, 2V/div; Bottom Trace: ON/OFF input,
5V/div.
Figure 5: Turn-on transient at full rated load current (constant
current load) (5 ms/div). Vin=48V.Top Trace: Vout, 2V/div;
Bottom Trace: ON/OFF input, 5V/div.
For Input Voltage Start up
Figure 6: Turn-on transient at zero load current (5 ms/div).
Vin=48V.Top Trace: Vout, 2V/div, Bottom Trace: input voltage,
50V/div.
Figure 7: Turn-on transient at full rated load current (constant
current load) (5 ms/div). Vin=48V.Top Trace: Vout, 2V/div;
Bottom Trace: input voltage, 50V/div.


Similar Part No. - E48SH05020

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH05020NKFA DELTA-E48SH05020NKFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020NKFH DELTA-E48SH05020NKFH Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020NMFA DELTA-E48SH05020NMFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020NMFH DELTA-E48SH05020NMFH Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020NNFA DELTA-E48SH05020NNFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
More results

Similar Description - E48SH05020

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH2R535 DELTA-E48SH2R535 Datasheet
795Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R840NRFA DELTA-E48SH1R840NRFA Datasheet
810Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SH1R840 DELTA-E48SH1R840 Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R050NRFA DELTA-E48SH1R050NRFA Datasheet
1Mb / 14P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.0V/50A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com