Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SR1R825NNFA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # E48SR1R825NNFA
Description  Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR1R825NNFA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button E48SR1R825NNFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 9Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 10Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 11Page - Delta Electronics, Inc. E48SR1R825NNFA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
The input source must be insulated from the ac
mains by reinforced or double insulation.
The input terminals of the module are not
operator accessible.
If the metal baseplate is grounded, one Vi pin
and one Vo pin shall also be grounded.
A SELV reliability test is conducted on the
system
where
the
module
is
used,
in
combination with the module, to ensure that
under a single fault, hazardous voltage does not
appear at the module’s output.
When installed into a Class II equipment (without
grounding), spacing consideration should be given
to the end-use installation, as the spacing between
the module and mounting surface have not been
evaluated.
The power module has extra-low voltage (ELV)
outputs when all inputs are ELV.
This power module is not internally fused. To
achieve optimum safety and system protection, an
input line fuse is highly recommended. The safety
agencies require a normal-blow fuse with 2A
maximum rating to be installed in the ungrounded
lead. A lower rated fuse can be used based on the
maximum inrush transient energy and maximum
input current.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board
assembly process before the board or system
undergoes electrical testing. Inadequate cleaning
and/or drying may lower the reliability of a power
module and severely affect the finished circuit board
assembly test. Adequate cleaning and/or drying is
especially important for un-encapsulated and/or open
frame type power modules. For assistance on
appropriate soldering and cleaning procedures,
please contact Delta’s technical support team.
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules and
affect the stability. A low ac-impedance input source is
recommended. If the source inductance is more than a few
µH, we advise adding a 10 to 100 µF electrolytic capacitor
(ESR < 0.7 Ω at 100 kHz) mounted close to the input of the
module to improve the stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate in
a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB layout
issues, please contact Delta’s technical support team. An
external input filter module is available for easier EMC
compliance design. Application notes to assist designers
in addressing these issues are pending release.
Safety Considerations
The power module must be installed in compliance with the
spacing and separation requirements of the end-user’s
safety agency standard, i.e., UL60950, CAN/CSA-C22.2
No. 60950-00 and EN60950: 2000 and IEC60950-1999, if
the system in which the power module is to be used must
meet safety agency requirements.
Basic insulation based on 75 Vdc input is provided
between the input and output of the module for the purpose
of applying insulation requirements when the input to this
DC-to-DC converter is identified as TNV-2 or SELV. An
additional evaluation is needed if the source is other than
TNV-2 or SELV.
When the input source is SELV circuit, the power module
meets SELV (safety extra-low voltage) requirements. If the
input source is a hazardous voltage which is greater than
60 Vdc and less than or equal to 75 Vdc, for the module’s
output to meet SELV requirements, all of the following
must be met:
DS_E48SR1R825_02272007
8


Similar Part No. - E48SR1R825NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R825NNFA DELTA-E48SR1R825NNFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
More results

Similar Description - E48SR1R825NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R825NRFA DELTA-E48SR1R825NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR15004 DELTA-E48SR15004 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR3R320 DELTA-E48SR3R320 Datasheet
791Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
814Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com