Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL7SZ19DFT2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NL7SZ19DFT2
Description  1?뭪o?? Decoder/Demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL7SZ19DFT2 Datasheet(HTML) 2 Page - ON Semiconductor

  NL7SZ19DFT2 Datasheet HTML 1Page - ON Semiconductor NL7SZ19DFT2 Datasheet HTML 2Page - ON Semiconductor NL7SZ19DFT2 Datasheet HTML 3Page - ON Semiconductor NL7SZ19DFT2 Datasheet HTML 4Page - ON Semiconductor NL7SZ19DFT2 Datasheet HTML 5Page - ON Semiconductor NL7SZ19DFT2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NL7SZ19
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VIN
DC Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
−0.5 to +7.0
V
IIK
DC Input Diode Current
@ V1 t −0.5 V
−50
mA
IOK
DC Output Diode Current
@ V1 t −0.5 V
−50
mA
IOUT
DC Output Sink Current
"50
mA
ICC
DC Supply Current per Supply Pin
"100
mA
IGND
DC Ground Current per Ground Pin
"100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
+150
°C
qJA
Thermal Resistance (Note 1)
250
°C/W
PD
Power Dissipation in Still Air at 85°C
180
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
> 2000
> 150
n/a
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
RECOMMENDED OPERATING CONDITIONS
Symbol
Rating
Value
Unit
VCC
DC Supply Voltage
1.65 to 5.5
V
VCC
DC Supply Voltage, Data Retention
1.5 to 5.5
V
VIN
Input Voltage
0 to 5.5
V
VOUT
Output Voltage
0 to 5.5
V
TA
Operating Temperature
−40 to 85
°C
tr, tf
Input Rise and Fall Times
VCC @ 1.8 " 0.15 V
VCC @ 2.5 " 0.2 V
VCC @ 3.3 " 0.3 V
VCC @ 5.0 " 0.5 V
0 to 20
0 to 20
0 to 10
0 to 5
nS/V
qJA
Thermal Resistance
350
°C/W
ORDERING INFORMATION
Device Order Number
Package
Shipping
NL7SZ19DFT2
SC70−6
3000 / Tape & Reel
NL7SZ19DFT2G
SC70−6
(Pb−Free)
3000 / Tape & Reel
NL7SZ19MUR2G
UDFN6
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NL7SZ19DFT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL7SZ19DFT2 ONSEMI-NL7SZ19DFT2 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
NL7SZ19DFT2G ONSEMI-NL7SZ19DFT2G Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
More results

Similar Description - NL7SZ19DFT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT139A ONSEMI-MC74VHCT139A Datasheet
102Kb / 7P
   Dual 2?뭪o?? Decoder/ Demultiplexer
January, 2006 ??Rev. 4
MC74VHC139 ONSEMI-MC74VHC139 Datasheet
121Kb / 8P
   Dual 2?뭪o?? Decoder/Demultiplexer
August, 2004 ??Rev. 3
MC74VHCT138A ONSEMI-MC74VHCT138A_06 Datasheet
103Kb / 7P
   3?뭪o?? Line Decoder
January, 2006 ??Rev. 3
MC74AC151 ONSEMI-MC74AC151 Datasheet
237Kb / 10P
   1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
MC74AC138 ONSEMI-MC74AC138 Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC138A ONSEMI-MC74HC138A_05 Datasheet
116Kb / 10P
   1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC138DG ONSEMI-MC74AC138DG Datasheet
195Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
NL7SZ18 ONSEMI-NL7SZ18_07 Datasheet
118Kb / 7P
   1?뭪o?? Demultiplexer with 3?뭆tate Deselected Output
February, 2007 ??Rev. 7
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com