Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F48SA28025NKFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # F48SA28025NKFA
Description  Delphi Series F48SA, 700W Full Brick Family DC/DC Power Module: 48Vin, 28Vout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

F48SA28025NKFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  F48SA28025NKFA Datasheet HTML 1Page - Delta Electronics, Inc. F48SA28025NKFA Datasheet HTML 2Page - Delta Electronics, Inc. F48SA28025NKFA Datasheet HTML 3Page - Delta Electronics, Inc. F48SA28025NKFA Datasheet HTML 4Page - Delta Electronics, Inc. F48SA28025NKFA Datasheet HTML 5Page - Delta Electronics, Inc. F48SA28025NKFA Datasheet HTML 6Page - Delta Electronics, Inc. F48SA28025NKFA Datasheet HTML 7Page - Delta Electronics, Inc. F48SA28025NKFA Datasheet HTML 8Page - Delta Electronics, Inc. F48SA28025NKFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS CURVES
70
75
80
85
90
95
0
5
10
15
20
25
30
OUTPUT CURRENT (A)
36Vin
48Vin
75Vin
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C.
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
80.0
0
5
10
15
20
25
30
OUTPUT CURRENT(A)
36Vin
48Vin
75Vin
DS_F48SA28025_06062005
3


Similar Part No. - F48SA28025NKFA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F48-023 ETC2-F48-023 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
F48-023 TRIAD-F48-023 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
F48-023-C2 TRIAD-F48-023-C2 Datasheet
49Kb / 1P
   CLASS 3 TRANSFORMER
logo
List of Unclassifed Man...
F48-050 ETC2-F48-050 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
F48-050 TRIAD-F48-050 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
More results

Similar Description - F48SA28025NKFA

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48A28C500B VICOR-V48A28C500B Datasheet
150Kb / 8P
   48Vin / 28Vout / 500Watts DC-DC Converter Module
V48C28C150B VICOR-V48C28C150B Datasheet
145Kb / 8P
   48Vin / 28Vout / 150Watts DC-DC Converter Module
logo
Delta Electronics, Inc.
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com