Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHS-A9025A00 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # FHS-A9025A00
Description  Intel Socket 478 Prescott FMB1.5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FHS-A9025A00 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  FHS-A9025A00 Datasheet HTML 1Page - Delta Electronics, Inc. FHS-A9025A00 Datasheet HTML 2Page - Delta Electronics, Inc. FHS-A9025A00 Datasheet HTML 3Page - Delta Electronics, Inc. FHS-A9025A00 Datasheet HTML 4Page - Delta Electronics, Inc. FHS-A9025A00 Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
·
·
·
Heat Sink
Thermal interface material
Fan(70x70x25mm)
Type: Soldering Heat Sink
Material: Fin-Aluminum 6063 or Equivalent.
Base-Copper C1100 or Equivalent.
Dimension: 93.5
68.5
41.2 mm
Material: Dow Corning SC102 or Equivalent.
Rated Voltage: 12 V
Life Time:
one ball one sleeve bearing 40000 hrs
two ball bearing 70000 hrs
Connector:
a..Lead wire: UL 1007 AWG#24
pin 1: black wire--------(-)
pin 2: red wire----------(+)
pin 3: blue wire---------(F00)
b. Housing: Molex 2695-03 22-01-3037 or equivalent
c. Terminal: Molex 2759t 08-50-0113 or equivalent
xx
·
·
·
Thermal resistance: 0.28 C/W (ref.)
Heatsink Weight: 350 g (ref.)
Clipping Force: 32.0 Kgf (ref.)
o
· Intel Socket 478 Prescott FMB1.5
Application:
Thermal Resistance
Noise (dBA)
Speed (rpm)
Thermal & Mechanical Specification:
Component Specification:
DELTA PRODUCTS CORPORATION
4405 CUSHING PARKWAY
FREMONT, CA 94538, U.S.A.
TEL : 1-510-668-5100
FAX : 1-510-668-0680
DELTA ELECTRONICS, INC.
252, SHANG YING ROAD, KUEI SAN,
TAOYUAN HSIEN 333, TAIWAN, R.O.C.
TEL: 886-3-3591968 EXT.2060
FAX: 886-3-3591991
DELTA ELECTRONICS EUROPE LTD.
2 YOUNG PLACE
KELVIN INDUSTRIAL ESTATE
EAST KILBRIDE, GLASGOW G75 OTD, U.K.
TEL : 44-1355-588888
FAX : 44-1355-588889
DELTA ELECTRONICS (JAPAN) INC.
DELTA SHIBADAIMON BUILDING
2-1-14 SHIBADAIMON, MINATO-KU,
TOKYO, 105-0012, JAPAN
TEL : 81-3-5733-1111
FAX : 81-3-5733-1211
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.
FHS-A7025A04/FHS-A7025B04
Tool-Free
Clip
287A0404
0.26
0.28
0.3
0.32
0.34
0.36
0.38
2500
3000
3500
4000
4500
5000
5500
20
25
30
35
40
45
50


Similar Part No. - FHS-A9025A00

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FHS-A9025B21 DELTA-FHS-A9025B21 Datasheet
729Kb / 2P
   Extreme edition sequence
FHS-A9025S16 DELTA-FHS-A9025S16 Datasheet
139Kb / 3P
   Intel LGA775 Wolfdale / Yorkfield (45nm)
FHS-A9025S17 DELTA-FHS-A9025S17 Datasheet
139Kb / 3P
   Intel LGA775 Wolfdale / Yorkfield (45nm)
FHS-A9025S18 DELTA-FHS-A9025S18 Datasheet
139Kb / 3P
   Intel LGA775 Wolfdale / Yorkfield (45nm)
FHS-A9025S19 DELTA-FHS-A9025S19 Datasheet
168Kb / 2P
   Intel LGA1156 Nehalem(45nm 95W)
More results

Similar Description - FHS-A9025A00

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FSB-865G AAEON-FSB-865G Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
FSB-860B AAEON-FSB-860B Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
logo
Axiomtek Co., Ltd.
CEM820 AXIOMTEK-CEM820 Datasheet
341Kb / 1P
   Socket 478 Intel Pentium M COM Express Type 2 Module with Intel 915GME/910GMLE ICH6M Chipset
logo
Protech Systems Co., Lt...
PSB-501LF PROTECHSYSTEMS-PSB-501LF Datasheet
366Kb / 2P
   Socket 478 Pentium M CPU Card
PMB-1751LF PROTECHSYSTEMS-PMB-1751LF Datasheet
402Kb / 2P
   Socket 478 Pentium 4 Motherboard
PSB-511LF PROTECHSYSTEMS-PSB-511LF Datasheet
488Kb / 2P
   Socket 478 Pentium M CPU Card
PSB-502LF PROTECHSYSTEMS-PSB-502LF Datasheet
351Kb / 2P
   Socket 478 Pentium M CPU Card
BPC-8070 PROTECHSYSTEMS-BPC-8070 Datasheet
299Kb / 2P
   Socket 478 Pentium4 Book-size PC
PMB-501 PROTECHSYSTEMS-PMB-501 Datasheet
402Kb / 2P
   Socket 478 Pentium M Flex-ATX Motherboard
logo
AAEON Technology
EMB-830 AAEON-EMB-830 Datasheet
988Kb / 1P
   Socket 478-based Intel짰 Pentium짰 4/ Intel짰 Celeron짰
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com