Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SZ08DFT2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NL17SZ08DFT2G
Description  Single 2?묲nput AND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ08DFT2G Datasheet(HTML) 2 Page - ON Semiconductor

  NL17SZ08DFT2G Datasheet HTML 1Page - ON Semiconductor NL17SZ08DFT2G Datasheet HTML 2Page - ON Semiconductor NL17SZ08DFT2G Datasheet HTML 3Page - ON Semiconductor NL17SZ08DFT2G Datasheet HTML 4Page - ON Semiconductor NL17SZ08DFT2G Datasheet HTML 5Page - ON Semiconductor NL17SZ08DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NL17SZ08
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VIN
DC Input Voltage
*0.5 to )7.0
V
VOUT
DC Output Voltage
*0.5 to VCC )0.5
V
IIK
DC Input Diode Current
*50
mA
IOK
DC Output Diode Current
*50
mA
IOUT
DC Output Sink Current
$50
mA
ICC
DC Supply Current per Supply Pin
$100
mA
TSTG
Storage Temperature Range
*65 to )150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
)150
°C
qJA
Thermal Resistance
SOT−353 (Note 1)
SOT−553
350
496
°C/W
PD
Power Dissipation in Still Air at 85°CSOT−353
SOT−553
186
135
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
ESD
ESD Classification
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
Class Z
Class A
N/A
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
2. Tested to EIA/JESD22−A114−A, rated to EIA/JESD22−A114−B.
3. Tested to EIA/JESD22−A115−A, rated to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
1.65
5.5
V
VIN
DC Input Voltage
0
5.5
V
VOUT
DC Output Voltage
0
VCC + 0.5
V
TA
Operating Temperature Range
−40
)85
°C
tr, tf
Input Rise and Fall Time
VCC = 3.0 V $0.3 V
VCC = 5.0 V $0.5 V
0
0
100
20
ns/V


Similar Part No. - NL17SZ08DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ08DFT2G ONSEMI-NL17SZ08DFT2G Datasheet
82Kb / 7P
   Single 2-Input AND Gate
November, 2015 ??Rev. 20
NL17SZ08DFT2G ONSEMI-NL17SZ08DFT2G Datasheet
456Kb / 15P
   Single 2-Input AND Gate
May, 2022 - Rev. 27
NL17SZ08DFT2G-F22038 ONSEMI-NL17SZ08DFT2G-F22038 Datasheet
456Kb / 15P
   Single 2-Input AND Gate
May, 2022 - Rev. 27
More results

Similar Description - NL17SZ08DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV08XV5T2 ONSEMI-NL17SV08XV5T2 Datasheet
50Kb / 5P
   Single 2?묲nput AND Gate
October, 2005 ??Rev. 4
MC74HC1G08 ONSEMI-MC74HC1G08_07 Datasheet
85Kb / 6P
   Single 2?묲nput AND Gate
February, 2007 ??Rev. 11
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2_05 Datasheet
122Kb / 5P
   Single Gate 2?묲nput OR Gate
September, 2005 ??Rev. 2
NL17SZ32 ONSEMI-NL17SZ32_06 Datasheet
115Kb / 6P
   Single 2?묲nput OR Gate
March, 2006 ??Rev. 6
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NL27WZ08 ONSEMI-NL27WZ08_06 Datasheet
62Kb / 5P
   Dual 2?묲nput AND Gate
April, 2006 ??Rev. 4
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
   Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
NLSF308 ONSEMI-NLSF308_06 Datasheet
66Kb / 5P
   Quad 2?묲nput AND Gate
May, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com