Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SR12006PNFH Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # E48SR12006PNFH
Description  Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR12006PNFH Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button E48SR12006PNFH Datasheet HTML 5Page - Delta Electronics, Inc. E48SR12006PNFH Datasheet HTML 6Page - Delta Electronics, Inc. E48SR12006PNFH Datasheet HTML 7Page - Delta Electronics, Inc. E48SR12006PNFH Datasheet HTML 8Page - Delta Electronics, Inc. E48SR12006PNFH Datasheet HTML 9Page - Delta Electronics, Inc. E48SR12006PNFH Datasheet HTML 10Page - Delta Electronics, Inc. E48SR12006PNFH Datasheet HTML 11Page - Delta Electronics, Inc. E48SR12006PNFH Datasheet HTML 12Page - Delta Electronics, Inc. E48SR12006PNFH Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
12.7 (0.5”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 17: Wind tunnel test setup
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power module
should always be operated below the maximum operating
temperature. If the temperature exceeds the maximum
module temperature, reliability of the unit may be affected.
THERMAL CURVES
Figure 18: Hot spot temperature measured point
The allowed maximum hot spot temperature is defined at 115
E48SR12006(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Transverse Orientation)
0
1
2
3
4
5
6
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
Figure 19: Output current vs. ambient temperature and air
velocity@Vin=48V (Transverse Orientation)
E48SR12006_03022007
9


Similar Part No. - E48SR12006PNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
951Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
More results

Similar Description - E48SR12006PNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SR12005 DELTA-E48SR12005 Datasheet
774Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SH12010 DELTA-E48SH12010 Datasheet
787Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com