Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SR12007PRFH Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # E48SR12007PRFH
Description  Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR12007PRFH Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E48SR12007PRFH Datasheet HTML 1Page - Delta Electronics, Inc. E48SR12007PRFH Datasheet HTML 2Page - Delta Electronics, Inc. E48SR12007PRFH Datasheet HTML 3Page - Delta Electronics, Inc. E48SR12007PRFH Datasheet HTML 4Page - Delta Electronics, Inc. E48SR12007PRFH Datasheet HTML 5Page - Delta Electronics, Inc. E48SR12007PRFH Datasheet HTML 6Page - Delta Electronics, Inc. E48SR12007PRFH Datasheet HTML 7Page - Delta Electronics, Inc. E48SR12007PRFH Datasheet HTML 8Page - Delta Electronics, Inc. E48SR12007PRFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FEATURES
High efficiency: 92.0% @ 12V/7A
Size: 58.4mmx22.80mmx8.35mm
(2.30”x0.90”x0.33”)
Standard footprint
Industry standard pin out
2:1 Input voltage range
Fixed frequency operation
Input UVLO, Output OCP, OVP, OTP
2250V isolation and basic insulation
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada)
recognized, and TUV (EN60950) certified
CE mark meets 73/23/EEC and
93/68/EEC directive
Delphi Series E48SR12007, 84W Eighth Brick
DC/DC Power Modules: 48V in, 12V/7A out
The Delphi Series E48SR12007 Eighth Brick, 48V input, single output,
isolated DC/DC converter is the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics,
Inc. This product provides 84 watts of power with 92.0% efficiency in
an industry standard footprint. With creative design technology and
optimization of component placement, this converter possesses
outstanding electrical and thermal performances, as well as extremely
high reliability under highly stressful operating conditions. All Delphi
E48SR models are fully protected from abnormal input/output voltage,
current, temperature conditions and also meet all safety requirements
with basic insulation.
OPTIONS
Positive On/Off logic
Short pin lengths
SMD pin
APPLICATIONS
Telecom/Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
DATASHEET
07_03022007
DS_E48SR120


Similar Part No. - E48SR12007PRFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR12007NRFA DELTA-E48SR12007NRFA Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR12007NRFA DELTA-E48SR12007NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR12007NRFA DELTA-E48SR12007NRFA Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR12007NRFA DELTA-E48SR12007NRFA Datasheet
814Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR12007NRFA DELTA-E48SR12007NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
More results

Similar Description - E48SR12007PRFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SR12006 DELTA-E48SR12006 Datasheet
795Kb / 13P
   Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SR12005 DELTA-E48SR12005 Datasheet
774Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SH12010 DELTA-E48SH12010 Datasheet
787Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com