Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SR12006NKFH Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # E48SR12006NKFH
Description  Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR12006NKFH Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button E48SR12006NKFH Datasheet HTML 4Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 5Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 6Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 7Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 8Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 9Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 10Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 11Page - Delta Electronics, Inc. E48SR12006NKFH Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FEATURES DESCRIPTIONS (CON.)
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point,
the modules may be connected with an external
resistor between the TRIM pin and either the
SENSE(+) or SENSE(-). The TRIM pin should be left
open if this feature is not used.
Figure 15: Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and SENSE (-) pins, the output voltage set point
decreases (Fig. 15). The external resistor value required
to obtain a percentage of output voltage change △% is
defined as:
()
⎥⎦
⎢⎣
=
K
down
Rtrim
22
.
10
511
Ex. When Trim-down -10%(12V×0.9=10.8V)
()
(
=
⎥⎦
⎢⎣
=
K
K
down
Rtrim
88
.
40
22
.
10
10
511
)
Figure 16: Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and SENSE (+), the output voltage set point increases
(Fig. 16). The external resistor value required obtaining a
percentage output voltage change △% is defined as:
()
×
+
×
×
=
K
Vo
up
Rtrim
22
.
10
511
225
.
1
)
100
(
11
.
5
Ex. When Trim-up +10%(12 V×1.1=13.2V)
()
=
×
+
×
×
=
K
up
Rtrim
3
.
489
22
.
10
10
511
10
225
.
1
)
10
100
(
12
11
.
5
The output voltage can be increased by both the remote
sense and the trim, however the maximum increase is
the larger of either the remote sense or the trim, not the
sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.
E48SR12006_03022007
8


Similar Part No. - E48SR12006NKFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
951Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR12006NRFA DELTA-E48SR12006NRFA Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
More results

Similar Description - E48SR12006NKFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SR12005 DELTA-E48SR12005 Datasheet
774Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SH12010 DELTA-E48SH12010 Datasheet
787Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com