Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T83C5101XXX-TDSCL Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T83C5101XXX-TDSCL
Description  8-bit Low Pin Count Microcontrollers
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5101XXX-TDSCL Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T83C5101XXX-TDSCL Datasheet HTML 2Page - ATMEL Corporation T83C5101XXX-TDSCL Datasheet HTML 3Page - ATMEL Corporation T83C5101XXX-TDSCL Datasheet HTML 4Page - ATMEL Corporation T83C5101XXX-TDSCL Datasheet HTML 5Page - ATMEL Corporation T83C5101XXX-TDSCL Datasheet HTML 6Page - ATMEL Corporation T83C5101XXX-TDSCL Datasheet HTML 7Page - ATMEL Corporation T83C5101XXX-TDSCL Datasheet HTML 8Page - ATMEL Corporation T83C5101XXX-TDSCL Datasheet HTML 9Page - ATMEL Corporation T83C5101XXX-TDSCL Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
6
T8xC5101/02
4233G–8051–03/03
11
I
T0 (P3.4): Timer 0 external input
23
26
I
T1 (P3.5): Timer 1 external input
22
25
I/O
No alternate function on this pin
21
24
I/O
No alternate function on this pin
Reset
9
10
I
Reset: A high on this pin for two machine cycles while the oscillator is running, resets the device.
An internal diffused resistor to VSS permits a power-on reset using only an external capacitor to
V
CC.
V
PP
66
I
Programming Supply Voltage: This pin receives the 12.75V programming supply voltage (V
PP)
during EPROM programming. During normal operation,
VPP pin must be tied to Vcc.
XTAL1
11
12
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock generator
circuits.
XTAL2
10
11
O
Crystal 2: Output from the inverting oscillator amplifier
Mnemonic
Pin Number
Type
Name and Function
24 pins
28
pins


Similar Part No. - T83C5101XXX-TDSCL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101XXX-TDSCL ATMEL-T83C5101XXX-TDSCL Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
More results

Similar Description - T83C5101XXX-TDSCL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
TEMIC Semiconductors
T87C5101 TEMIC-T87C5101 Datasheet
243Kb / 52P
   8-bit Low pin count Microcontrollers, 0-66 MHz
logo
Fujitsu Component Limit...
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
   Low-Pin-Count Microcontrollers
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
logo
Microchip Technology
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
   28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
   Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
PIC24FJ64GP205 MICROCHIP-PIC24FJ64GP205 Datasheet
8Mb / 809P
   16-Bit eXtreme Low-Power Microcontrollers with USB in Low Pin Count Packages
Revision D (March 2022)
PIC12CR509 MICROCHIP-PIC12CR509 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com