Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPS-400AA-100 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # GPS-400AA-100
Description  Application: Desktop PC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

GPS-400AA-100 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  GPS-400AA-100 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DELTA ELECTRONICS, INC.
3, TUNG YUAN ROAD, CHUNGLI
INDUSTRIAL ZONE
TAOYUAN SHIEH, TAIWAN, R.O.C.
TEL: 886-3-4526107
FAX: 886-3-4527314
mail: powersales@delta.com.tw
DELTA PRODUCTS CORPORATION
4405 CUSHING PARKWAY
FREMONT, CA 94538, U.S.A.
TEL: 1-510-668-5100
FAX: 1-510-668-0680
DELTA ELECTRONICS(JAPAN) INC.
DELTA SHIBADAIMON BLDG.
2-1-14 SHIBADAIMON, MINATO-KU,
TOKYO, 105-0012, JAPAN
TEL: 81-3-5733-1111
FAX: 81-3-5733-1211
DELTA ELECTRONICS, EUROPE LTD.
2 YOUNG PLACE
KELVIN INDUSTRIAL ESTATE
EAST KILBROIDE, GLASGOW G75 OTD,
U.K.
TEL: 44-1355-588888
FAX: 44-1355-588889
All specifications are subject to change without prior notice.
ELECTRICAL SPECIFICATIONS
INPUT
• Input Range
90~135Vac/ 180~265Vac
• Frequency
47~63Hz
• Input Current
<9A @ 115Vac, <4.5A @ 230Vac
• Efficiency
>70% @ 230Vac
• EMI/RFI
CISPR 22 Class B, FCC
OUTPUT
• Maximum Power
400 Watts
• Holdup Time
>17mS @ 115Vac
• Rise Time
<20mS
• Leakage Current
<0.75mA @ 240Vac
• Overvoltage Protection: +3.3V, +5V, +12V1 & 12V2
• Overcurrent Protection: <240VA
• Short-Circuit Protection: Latch off
• Power Good Signal: TTL compatible on delay 100mS
to 500mS, off delay 1mS.
GPS-400AA-100 Series
120mV
-
0.5A
0.0A
±10%
-12V
V5
50mV
2.5A
2.0A
0.0A
±5%
+5Vsb
V6
200mV
-
15.0A
1.0A
±5%
+12V2
V4
120mV
16.0A
14.0A
1.0A
±5%
+12V1
V3
50mV
-
26.0A
0.5A
±5%
+5V
V2
50mV
-
28.0A
0.5A
±5%
+3.3V
V1
Ripple & Noise
Vp-p
Peak Load
Maximum
Load
Minimum
Load
Regulation
Voltage
Output
1. Total continue power output: 400W
2. The combined power on +3.3V & +5V: 140W max
3. The combined power on +3.3V, +5V & +12V: 390W max
FEATURES
• Application: Desktop PC
• 120mm fan
• Comply with Intel ATX12V 2.0
• Remote On/Off
• Low acoustics noise
• High reliability
• Fan speed control
• Short circuit protection
• Over voltage protection
• Over current protection
• Active PFC to meet EN61000-3-2
ENVIRONMENTAL
• Operating ambient temperature: 10~50 ºC
• Operating relative humidity: 5~85%
• Storage ambient temperature: -40~70ºC
• Storage relative humidity: 5~95%
• Altitude: 10,000~50,000 feet
• MTBF: > 100K hours @ max. load & 25ºC
ambient conditions.
150 (W) x 86 (H) x 140 (L) mm


Similar Part No. - GPS-400AA-100

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
GPS-41BTM RFSOLUTIONS-GPS-41BTM Datasheet
70Kb / 7P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41EB RFSOLUTIONS-GPS-41EB Datasheet
87Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41EBF RFSOLUTIONS-GPS-41EBF Datasheet
87Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41EBR RFSOLUTIONS-GPS-41EBR Datasheet
87Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41ML RFSOLUTIONS-GPS-41ML Datasheet
70Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
More results

Similar Description - GPS-400AA-100

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-350AB-4 DELTA-DPS-350AB-4 Datasheet
146Kb / 1P
   Application: Desktop PC
DPS-300AB-5 DELTA-DPS-300AB-5 Datasheet
155Kb / 1P
   Application: Desktop PC
DPS-300AB-9 DELTA-DPS-300AB-9 Datasheet
148Kb / 1P
   Application: Desktop PC
DPS-300PB-2 DELTA-DPS-300PB-2 Datasheet
154Kb / 1P
   Application: Desktop PC
DPS-350PB-2 DELTA-DPS-350PB-2 Datasheet
155Kb / 1P
   Application: Desktop PC
DPS-220AB DELTA-DPS-220AB Datasheet
141Kb / 1P
   Application: Desktop PC
DPS-230GB-1 DELTA-DPS-230GB-1 Datasheet
149Kb / 1P
   Application: Desktop PC
DPS-275GB DELTA-DPS-275GB Datasheet
148Kb / 1P
   Application: Desktop PC
DPS-300AB-10 DELTA-DPS-300AB-10 Datasheet
148Kb / 1P
   Application: Desktop PC
DPS-300PB-1 DELTA-DPS-300PB-1 Datasheet
148Kb / 1P
   Application: Desktop PC
DPS-350TB DELTA-DPS-350TB Datasheet
145Kb / 1P
   Application: Desktop PC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com