Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T83C5101XXX-TDSCV Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T83C5101XXX-TDSCV
Description  8-bit Low Pin Count Microcontrollers
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5101XXX-TDSCV Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T83C5101XXX-TDSCV Datasheet HTML 4Page - ATMEL Corporation T83C5101XXX-TDSCV Datasheet HTML 5Page - ATMEL Corporation T83C5101XXX-TDSCV Datasheet HTML 6Page - ATMEL Corporation T83C5101XXX-TDSCV Datasheet HTML 7Page - ATMEL Corporation T83C5101XXX-TDSCV Datasheet HTML 8Page - ATMEL Corporation T83C5101XXX-TDSCV Datasheet HTML 9Page - ATMEL Corporation T83C5101XXX-TDSCV Datasheet HTML 10Page - ATMEL Corporation T83C5101XXX-TDSCV Datasheet HTML 11Page - ATMEL Corporation T83C5101XXX-TDSCV Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
8
T8xC5101/02
4233G–8051–03/03
T8xC5101/02
Enhanced Features
In comparison to the original 80C52, the T8xC5101/02 implements some new features,
which are:
The X2 option.
The Dual Data Pointer.
The extended RAM.
The 4 level interrupt priority system.
Some enhanced features are also located in the UART and the timer 2.
X2 Feature
The T8xC5101/02 core needs only 6 clock periods per machine cycle. This feature
called ”X2” provides the following advantages:
Divide frequency crystals by 2 (cheaper crystals) while keeping same CPU power.
Save power consumption while keeping same CPU power (oscillator power saving).
Save power consumption by dividing dynamically operating frequency by 2 in
operating and idle modes.
Increase CPU power by 2 while keeping same crystal frequency.
In order to keep the original C51 compatibility, a divider by 2 is inserted between the
XTAL1 signal and the main clock input of the core (phase generator). This divider may
be disabled by software.
Description
The clock for the whole circuit and peripheral is first divided by two before being used by
the CPU core and peripherals. This allows any cyclic ratio to be accepted on XTAL1
input. In X2 mode, as this divider is bypassed, the signals on XTAL1 must have a cyclic
ratio between 40 to 60%. Figure 1 shows the clock generation block diagram. X2 bit is
validated on XTAL1
÷2 rising edge to avoid glitches when switching from X2 to STD
mode. Figure 2 shows the mode switching waveforms.
Figure 1. Clock Generation Diagram
XTAL1
2
CKCON reg
X2
state machine: 6 clock cycles.
CPU control
F
OSC
F
XTAL
0
1
XTAL1:2


Similar Part No. - T83C5101XXX-TDSCV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101XXX-TDSCV ATMEL-T83C5101XXX-TDSCV Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
More results

Similar Description - T83C5101XXX-TDSCV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
TEMIC Semiconductors
T87C5101 TEMIC-T87C5101 Datasheet
243Kb / 52P
   8-bit Low pin count Microcontrollers, 0-66 MHz
logo
Fujitsu Component Limit...
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
   Low-Pin-Count Microcontrollers
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
   Low-pin Count 8-bit Microcontroller
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
   Low-pin Count 8-bit Microcontroller
logo
Microchip Technology
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
   28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
   Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
PIC24FJ64GP205 MICROCHIP-PIC24FJ64GP205 Datasheet
8Mb / 809P
   16-Bit eXtreme Low-Power Microcontrollers with USB in Low Pin Count Packages
Revision D (March 2022)
PIC12CR509 MICROCHIP-PIC12CR509 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com