Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBIC-1250A3QR Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # GBIC-1250A3QR
Description  RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

GBIC-1250A3QR Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  GBIC-1250A3QR Datasheet HTML 1Page - Delta Electronics, Inc. GBIC-1250A3QR Datasheet HTML 2Page - Delta Electronics, Inc. GBIC-1250A3QR Datasheet HTML 3Page - Delta Electronics, Inc. GBIC-1250A3QR Datasheet HTML 4Page - Delta Electronics, Inc. GBIC-1250A3QR Datasheet HTML 5Page - Delta Electronics, Inc. GBIC-1250A3QR Datasheet HTML 6Page - Delta Electronics, Inc. GBIC-1250A3QR Datasheet HTML 7Page - Delta Electronics, Inc. GBIC-1250A3QR Datasheet HTML 8Page - Delta Electronics, Inc. GBIC-1250A3QR Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GBIC-1250xxxx Series
DELTA ELECTRONICS, INC.
4
2006/09
Rev. 0E
www.deltaww.com
Optical Characteristics (GBIC-1250BxQx)
(VCC=3.15/4.75V to 3.47/5.25V, Data Rate=1.25Gb/sec, PRBS=2
7-1 NRZ, 9/125
µm SMF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter
Output Optical Power (Avg.)
PO
-9.5
-3
dBm
Optical Extinction Ratio
ER
9
dB
Center Wavelength
λ
C
1270
1310
1355
nm
Spectral Width (RMS)
σ
2.8
nm
Optical Rise/ Fall Time
tr/tf
260
psec
1
Total Jitter (pk-pk)
TJTX
220
psec
Relative Intensity Noise
RIN
-120
dB/Hz
Output Eye
Complies with the IEEE 802.3z/D2 specification, and is class 1 laser
eye safety
Receiver
Sensitivity (Avg.)
PIN
-19
dBm
1
Input Optical Wavelength
λ
1310
nm
LOS- De-Asserted (Avg.)
PD
-19
dBm
2
LOS- asserted (Avg.)
PA
-30
dBm
2
LOS-Hysteresis
PD-PA
0.5
dB
Overload
PO
-3
dBm
Notes:
1.
These are unfiltered 20%~80% values
2.
The sensitivity is provided at a BER of 1×10
-12 or better with an input signal consisting of 1.25Gb/s,
2
7-1 PRBS and ER=9dB.
Mask of the eye diagram for the optical transmit signal


Similar Part No. - GBIC-1250A3QR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GBIC-1250B5LR DELTA-GBIC-1250B5LR Datasheet
413Kb / 13P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250B5LS DELTA-GBIC-1250B5LS Datasheet
413Kb / 13P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250B5MR DELTA-GBIC-1250B5MR Datasheet
413Kb / 13P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250B5MS DELTA-GBIC-1250B5MS Datasheet
413Kb / 13P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
GBIC-1250B5RR DELTA-GBIC-1250B5RR Datasheet
413Kb / 13P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
More results

Similar Description - GBIC-1250A3QR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
GBIC-1250B5LS DELTA-GBIC-1250B5LS Datasheet
413Kb / 13P
   RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
logo
Agilent(Hewlett-Packard...
HFBR-5601 HP-HFBR-5601 Datasheet
288Kb / 14P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5601Z AVAGO-AFBR-5601Z Datasheet
482Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
Broadcom Corporation.
AFBR-5601Z BOARDCOM-AFBR-5601Z Datasheet
411Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5601Z AVAGO-AFBR-5601Z_13 Datasheet
411Kb / 13P
   Gigabit Interface Converters (GBIC) for Gigabit Ethernet
logo
Delta Electronics, Inc.
OPT-1250A1F1R DELTA-OPT-1250A1F1R Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
   RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
LCP-1250RJ3SR-S DELTA-LCP-1250RJ3SR-S Datasheet
361Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
logo
Molex Electronics Ltd.
74740-0001 MOLEX-74740-0001 Datasheet
261Kb / 11P
   1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com