Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SZ126DFT2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NL17SZ126DFT2G
Description  Non?묲nverting 3?뭆tate Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ126DFT2G Datasheet(HTML) 6 Page - ON Semiconductor

  NL17SZ126DFT2G Datasheet HTML 1Page - ON Semiconductor NL17SZ126DFT2G Datasheet HTML 2Page - ON Semiconductor NL17SZ126DFT2G Datasheet HTML 3Page - ON Semiconductor NL17SZ126DFT2G Datasheet HTML 4Page - ON Semiconductor NL17SZ126DFT2G Datasheet HTML 5Page - ON Semiconductor NL17SZ126DFT2G Datasheet HTML 6Page - ON Semiconductor NL17SZ126DFT2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NL17SZ126
http://onsemi.com
6
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
−−−
0.10
−−−
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A, SOT−353, SC−70
CASE 419A−02
ISSUE J
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Similar Part No. - NL17SZ126DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ126DFT2G ONSEMI-NL17SZ126DFT2G Datasheet
114Kb / 7P
   Non-Inverting 3-State Buffer
May, 2012 ??Rev. 10
NL17SZ126DFT2G ONSEMI-NL17SZ126DFT2G Datasheet
89Kb / 9P
   Non-Inverting 3-State Buffer
September, 2016 ??Rev. 14
NL17SZ126DFT2G ONSEMI-NL17SZ126DFT2G Datasheet
191Kb / 13P
   Non-Inverting 3-State Buffer
November, 2018 ??Rev. 15
NL17SZ126DFT2G ONSEMI-NL17SZ126DFT2G Datasheet
160Kb / 13P
   Non-Inverting 3-State Buffer
June, 2022 - Rev. 18
NL17SZ126DFT2G-L22038 ONSEMI-NL17SZ126DFT2G-L22038 Datasheet
160Kb / 13P
   Non-Inverting 3-State Buffer
June, 2022 - Rev. 18
More results

Similar Description - NL17SZ126DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_06 Datasheet
113Kb / 7P
   Hex Non?묲nverting 3?뭆tate Buffer
June, 2006 ??Rev. 7
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
   Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
MC74AC652 ONSEMI-MC74AC652 Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
MC74HCT541A ONSEMI-MC74HCT541A_06 Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
NL7SZ18 ONSEMI-NL7SZ18 Datasheet
71Kb / 7P
   1?뭥f?? Non?묲nverting Demultiplexer with 3?뭆tate Deselected Output
November, 2006 ??Rev. 6
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74HC373A ONSEMI-MC74HC373A_05 Datasheet
119Kb / 10P
   Octal 3?뭆tate Non?묲nverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com