Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RD2-3CSIL Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T89C51RD2-3CSIL
Description  0 to 40 MHz Flash Programmable 8-bit Microcontroller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CSIL Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T89C51RD2-3CSIL Datasheet HTML 6Page - ATMEL Corporation T89C51RD2-3CSIL Datasheet HTML 7Page - ATMEL Corporation T89C51RD2-3CSIL Datasheet HTML 8Page - ATMEL Corporation T89C51RD2-3CSIL Datasheet HTML 9Page - ATMEL Corporation T89C51RD2-3CSIL Datasheet HTML 10Page - ATMEL Corporation T89C51RD2-3CSIL Datasheet HTML 11Page - ATMEL Corporation T89C51RD2-3CSIL Datasheet HTML 12Page - ATMEL Corporation T89C51RD2-3CSIL Datasheet HTML 13Page - ATMEL Corporation T89C51RD2-3CSIL Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
10
T89C51RD2
4243G–8051–05/03
Enhanced Features
In comparison to the original 80C52, the T89C51RD2 implements some new features,
which are:
The X2 option
The Dual Data Pointer
The extended RAM
The Programmable Counter Array (PCA)
The Watchdog
The 4 level interrupt priority system
The power-off flag
The ONCE mode
The ALE disabling
Some enhanced features are also located in the UART and the Timer 2
X2 Feature and Clock
Generation
The T89C51RD2 core needs only 6 clock periods per machine cycle. This feature called
”X2” provides the following advantages:
Divide frequency crystals by 2 (cheaper crystals) while keeping same CPU power.
Save power consumption while keeping same CPU power (oscillator power saving).
Save power consumption by dividing dynamically operating frequency by 2 in
operating and idle modes.
Increase CPU power by 2 while keeping same crystal frequency.
In order to keep the original C51 compatibility, a divider by 2 is inserted between the
XTAL1 signal and the main clock input of the core (phase generator). This divider may
be disabled by software.
Description
The clock for the whole circuit and peripheral is first divided by two before being used by
the CPU core and peripherals. This allows any cyclic ratio to be accepted on XTAL1
input. In X2 mode, as this divider is bypassed, the signals on XTAL1 must have a cyclic
ratio between 40 to 60%. Figure 1 shows the clock generation block diagram. X2 bit is
validated on XTAL1
÷2 rising edge to avoid glitches when switching from X2 to STD
mode. Figure 2 shows the mode switching waveforms.
Figure 1. Clock Generation Diagram
XTAL1
2
CKCON reg
X2
State Machine: 6 clock cycles.
CPU control.
FOSC
F
XTAL
0
1
XTAL1:2


Similar Part No. - T89C51RD2-3CSIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2-3CSI-L ATMEL-T89C51RD2-3CSI-L Datasheet
987Kb / 86P
   0 to 40MHz Flash Programmable 8-bit Microcontroller
T89C51RD2-3CSI-M ATMEL-T89C51RD2-3CSI-M Datasheet
987Kb / 86P
   0 to 40MHz Flash Programmable 8-bit Microcontroller
More results

Similar Description - T89C51RD2-3CSIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2 Datasheet
987Kb / 86P
   0 to 40MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com