Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H48SL2R560NRFA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # H48SL2R560NRFA
Description  Delphi Series H48SL, 200W Half Brick Family DC/DC Power Modules: 48V in, 1.5V/60A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SL2R560NRFA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button H48SL2R560NRFA Datasheet HTML 4Page - Delta Electronics, Inc. H48SL2R560NRFA Datasheet HTML 5Page - Delta Electronics, Inc. H48SL2R560NRFA Datasheet HTML 6Page - Delta Electronics, Inc. H48SL2R560NRFA Datasheet HTML 7Page - Delta Electronics, Inc. H48SL2R560NRFA Datasheet HTML 8Page - Delta Electronics, Inc. H48SL2R560NRFA Datasheet HTML 9Page - Delta Electronics, Inc. H48SL2R560NRFA Datasheet HTML 10Page - Delta Electronics, Inc. H48SL2R560NRFA Datasheet HTML 11Page - Delta Electronics, Inc. H48SL2R560NRFA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
THERMAL CURVES: NO HEATSINK, EITHER ORIENTATION
Figure 16:
Case temperature measurement location.
Pin locations are for reference only.
Figure 17:
Output current vs. ambient temperature and air
velocity (Vin<60V)
Figure 18:
Output current vs. ambient temperature and air velocity
(Vin=75V)
Figure 19:
Power dissipation vs. ambient temperature and air
velocity
2 6 m m
( 1 . 0 2 " )
On/Off
Case
out
Sense(-)
Trim
Sense
out
H48SL1R560(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin < 60V (Either Orientation, no Heat sink)
0
8
16
24
32
40
48
56
64
0
1020
3040506070
8090
1
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
00
H48SL1R560(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin = 75V (Either Orientation, no Heat sink)
0
8
16
24
32
40
48
56
64
0
1020
3040506070
8090
10
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
0
H48SL1R560(Standard) Power Dissipation vs. Ambient Temperature and Air Velocity
(Either Orientation, no Heat sink)
0
3
6
9
12
15
18
21
0
10
2030
4050
6070
8090
1
Ambient Temperature (℃)
Power Dissipation (Watts)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
00
DS_H48SL1R560_10302006
8


Similar Part No. - H48SL2R560NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA DELTA-H48SA Datasheet
569Kb / 13P
   Standard footprint
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
H48SA12025NNFH DELTA-H48SA12025NNFH Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
More results

Similar Description - H48SL2R560NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SP3R360NRFA DELTA-E48SP3R360NRFA Datasheet
525Kb / 15P
   Delphi Series E48SP3R360, 1/8th Brick 200W DC/DC Power Modules: 48V in, 3.3V, 60A out
E48SR1R525 DELTA-E48SR1R525 Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
Q48SL1R535NRFA DELTA-Q48SL1R535NRFA Datasheet
664Kb / 13P
   Delphi Series Q48SL, 100W Quarter Brick Family DC/DC Power Modules: 48V in, 1.5V/35A out
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA53010NNFA DELTA-H48SA53010NNFA Datasheet
1Mb / 13P
   Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SH1R540 DELTA-E48SH1R540 Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
H48SA28016NYH DELTA-H48SA28016NYH Datasheet
382Kb / 13P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules: 48V in, 28V/16A out
H48SC3R325PSFA DELTA-H48SC3R325PSFA Datasheet
400Kb / 12P
   Delphi Series H48SC3R325, 85W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com