Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H48SN28012NRFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # H48SN28012NRFA
Description  Delphi Series H48SN, 350W HalfBrick Family DC/DC Power Modules: 48V in, 28V/12.5A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SN28012NRFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  H48SN28012NRFA Datasheet HTML 1Page - Delta Electronics, Inc. H48SN28012NRFA Datasheet HTML 2Page - Delta Electronics, Inc. H48SN28012NRFA Datasheet HTML 3Page - Delta Electronics, Inc. H48SN28012NRFA Datasheet HTML 4Page - Delta Electronics, Inc. H48SN28012NRFA Datasheet HTML 5Page - Delta Electronics, Inc. H48SN28012NRFA Datasheet HTML 6Page - Delta Electronics, Inc. H48SN28012NRFA Datasheet HTML 7Page - Delta Electronics, Inc. H48SN28012NRFA Datasheet HTML 8Page - Delta Electronics, Inc. H48SN28012NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=600 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
H48SN28012 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
80
Vdc
Transient (100ms)
100ms
100
Vdc
Operating Temperature
Please refer to Fig.21 for measuring point
-40
110
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
2250
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
36
48
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
33
35
Vdc
Turn-Off Voltage Threshold
31
33
Vdc
Lockout Hysteresis Voltage
1
3
Vdc
Maximum Input Current
100% Load, 36Vin
12.6
A
Minimum -Load Input Current
260
mA
Off Converter Input Current
Per ETSI EN300 132-2
15
mA
Inrush Current(I
2t)
0.2
1
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
12
mA
Input Voltage Ripple Rejection
120 Hz
60
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25°C
27.72
28.00
28.28
Vdc
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
±
20
±
112
mV
Over Line
Vin=36V to 75V
±
20
±
56
mV
Over Temperature
Tc=-40°C to 100°C
±
250
±
300
mV
Total Output Voltage Range
over sample load, line and temperature
27.25
28.00
28.75
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF Low ESR cap
60
150
mV
RMS
Full Load, 1µF ceramic, 10µF Low ESR cap
14
40
mV
Operating Output Current Range
0.3
12.5
A
Output DC Current-Limit Inception
Output Voltage 10% Low
120
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, Tested with a aluminum ,10µF Low ESR cap
and 1µF Ceramic load cap, ΔIo/Δt=1A/10µS
Positive Step Change in Output Current
50% Io.max to 75% Io.max
150
mV
Negative Step Change in Output Current
75% Io.max to 50% Io.max
150
mV
Settling Time (within 1% Vout nominal)
300
us
Turn-On Transient
Start-Up Time, From On/Off Control
20
35
ms
Start-Up Time, From Input
20
35
ms
Output Capacitive Load
Full load; 5% overshoot of Vout at startup
330
5000
µF
EFFICIENCY
100% Load
91.0
%
60% Load
91.5
%
ISOLATION CHARACTERISTICS
Input to Output
2250
Vdc
Input to Case
2250
Vdc
Output to Case
500
Vdc
Isolation Resistance
10
MΩ
Isolation Capacitance
1900
pF
FEATURE CHARACTERISTICS
Switching Frequency
330
kHz
ON/OFF Control Negative Remote On/Off logic
Logic Low (Module On)
Von/off at Ion/off=1.0mA
0
0.8
V
Logic High (Module Off)
Von/off at Ion/off=0.0 µA
15
V
ON/OFF Control, Positive Remote On/Off logic
Logic Low (Module Off)
Von/off at Ion/off=1.0mA
0
0.8
V
Logic High (Module On)
Von/off at Ion/off=0.0 µA
15
V
ON/OFF Current
Ion/off at Von/off=0.0V
1
mA
Leakage Current
Logic High, Von/off=15V
50
uA
Output Voltage Trim Range
Across Pins 9 & 5, Pout ≦ max rated power
-40
+10
%
Output Voltage Remote Sense Range
Pout ≦ max rated power
0.5
V
Output Over-Voltage Protection
Over full temp range; % of nominal Vout
115
140
%
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C
1.35
M hours
Weight
62
grams
Over-Temperature Shutdown
Please refer to Fig.21 for measuring point
115
°C
H48SN28012_09262006
2


Similar Part No. - H48SN28012NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA DELTA-H48SA Datasheet
569Kb / 13P
   Standard footprint
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
H48SA12025NNFH DELTA-H48SA12025NNFH Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
More results

Similar Description - H48SN28012NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H24SN28012NRFA DELTA-H24SN28012NRFA Datasheet
547Kb / 13P
   Delphi Series H24SN, 350W Half Brick Family DC/DC Power Modules: 18~36Vin, 28V/12.5A out
H48SA28016NYH DELTA-H48SA28016NYH Datasheet
382Kb / 13P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules: 48V in, 28V/16A out
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA53010NNFA DELTA-H48SA53010NNFA Datasheet
1Mb / 13P
   Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com