Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL27WZ08 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL27WZ08
Description  Dual 2?묲nput AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ08 Datasheet(HTML) 1 Page - ON Semiconductor

  NL27WZ08_06 Datasheet HTML 1Page - ON Semiconductor NL27WZ08_06 Datasheet HTML 2Page - ON Semiconductor NL27WZ08_06 Datasheet HTML 3Page - ON Semiconductor NL27WZ08_06 Datasheet HTML 4Page - ON Semiconductor NL27WZ08_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
April, 2006 − Rev. 4
1
Publication Order Number:
NL27WZ08/D
NL27WZ08
Dual 2−Input AND Gate
The NL27WZ08 is a high performance dual 2−input AND Gate
operating from a 1.65 V to 5.5 V supply.
Features
Extremely High Speed: tPD 2.5 ns (typical) at VCC = 5 V
Designed for 1.65 V to 5.5 V VCC Operation
Over Voltage Tolerant Inputs
LVTTL Compatible − Interface Capability With 5 V TTL Logic with
VCC = 5 V
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
Replacement for NC7WZ08
Chip Complexity: FET = 124
Pb−Free Package is Available
A1
1
A2
Y2
Figure 1. Pinout
Figure 2. Logic Symbol
&
Y1
A1
B2
B1
VCC
B1
GND
2
3
8
7
6
4
5
Y2
Y1
B2
A2
PIN ASSIGNMENT
Pin
1
2
3
4
5
6
7
8
Function
A1
B1
Y2
GND
A2
B2
Y1
VCC
Inputs
FUNCTION TABLE
B
L
H
L
H
Output
Y
L
H
A
L
L
H
H
IEEE/IEC
L
L
Y = AB
H = HIGH Logic Level
L = LOW Logic Level
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
US8
US SUFFIX
CASE 493
8
1
http://onsemi.com
1
8
L2 M
G
G
L2
= Device Code
M
= Date Code*
G
= Pb−Free Package
*Date Code orientation may vary depending upon
manufacturing location.
(Note: Microdot may be in either location)


Similar Part No. - NL27WZ08_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ08MQ1TCG ONSEMI-NL27WZ08MQ1TCG Datasheet
185Kb / 11P
   Dual 2-Input AND Gate
January, 2019 ??Rev. 11
NL27WZ08MQ1TCG ONSEMI-NL27WZ08MQ1TCG Datasheet
330Kb / 13P
   Dual 2-Input AND Gate
October, 2020 ??Rev. 14
NL27WZ08MQ2TCG ONSEMI-NL27WZ08MQ2TCG Datasheet
185Kb / 11P
   Dual 2-Input AND Gate
January, 2019 ??Rev. 11
NL27WZ08MQ2TCG ONSEMI-NL27WZ08MQ2TCG Datasheet
330Kb / 13P
   Dual 2-Input AND Gate
October, 2020 ??Rev. 14
NL27WZ08MU1TCG ONSEMI-NL27WZ08MU1TCG Datasheet
185Kb / 11P
   Dual 2-Input AND Gate
January, 2019 ??Rev. 11
More results

Similar Description - NL27WZ08_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32_06 Datasheet
63Kb / 5P
   Dual 2?묲nput OR Gate
April, 2006 ??Rev. 6
NL27WZ00 ONSEMI-NL27WZ00_06 Datasheet
88Kb / 6P
   Dual 2?묲nput NAND Gate
May, 2006 ??Rev. 6
NL27WZ02 ONSEMI-NL27WZ02_06 Datasheet
63Kb / 5P
   Dual 2?묲nput NOR Gate
May, 2006 ??Rev. 8
NL17SV08XV5T2 ONSEMI-NL17SV08XV5T2 Datasheet
50Kb / 5P
   Single 2?묲nput AND Gate
October, 2005 ??Rev. 4
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
   Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
NLSF308 ONSEMI-NLSF308_06 Datasheet
66Kb / 5P
   Quad 2?묲nput AND Gate
May, 2006 ??Rev. 4
MC74AC08 ONSEMI-MC74AC08_06 Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate
October, 2006 ??Rev. 8
NL17SZ08 ONSEMI-NL17SZ08_06 Datasheet
115Kb / 6P
   Single 2?묲nput AND Gate
March, 2006 ??Rev. 7
MC74HC1G08 ONSEMI-MC74HC1G08_07 Datasheet
85Kb / 6P
   Single 2?묲nput AND Gate
February, 2007 ??Rev. 11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com